Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDN2987LW-6-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # UDN2987LW-6-T
Description  DABIC-5 8-Channel Source Driver with Overcurrent Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2987LW-6-T Datasheet(HTML) 6 Page - Allegro MicroSystems

  UDN2987LW-6-T Datasheet HTML 1Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 2Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 3Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 4Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 5Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 6Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 7Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 8Page - Allegro MicroSystems UDN2987LW-6-T Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
29876DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
DABIC-5 8-Channel Source Driver
with Overcurrent Protection
UDN2987x-6
6
Characteristic Performance
Allowable Output Current as a Function of Duty Cycle
(UDN2987A-6 shown, multiply by 78% for UDN2987LW-6)
TA= 25°C, VS = 35 V
TA= 50°C, VS = 35 V
0
102030405060708090
100
400
350
300
250
200
150
100
50
0
Duty Cycle (%)
87 6
5
4
3
Quantity of outputs conducting simultaneously
Output Current Waveshapes
0
102030405060708090
100
400
350
300
250
200
150
100
50
0
Duty Cycle (%)
87 6
5
4
3
2
Quantity of outputs conducting simultaneously
VIN(A) = VIN(B)
ISH
IOUT(A)
IOUT(B)
IM
tBLANK
tRTB
tPLH
tPHL
OE/R
Output (A) shorted
Momentary fault or capacitive charging (<1μs)


Similar Part No. - UDN2987LW-6-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
More results

Similar Description - UDN2987LW-6-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
   DABIC-5 8-Channel Source Driver with Overcurrent Protection
2987 ALLEGRO-2987 Datasheet
84Kb / 8P
   8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
   Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
   Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
logo
Allegro MicroSystems
6811 ALLEGRO-6811 Datasheet
156Kb / 8P
   DABiC-IV, 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
May 15, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com