Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1393SEHLT-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1393SEHLT-T
Description  Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1393SEHLT-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1393SEHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1393SEHLT-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micro Power 3 V Linear Hall Effect Sensor ICs
with Tri-State Output and User Selectable Sleep Mode
A1391, A1392,
A1393, and A1395
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Sleep Mode
Active Mode
-20
-5
10
25
40
55
70
85
Supply Current versus Ambient Temperature
A139x, V
CC = VREF = 3 V
-20
-5
10
25
40
55
70
85
TA (°C)
Ratiometric Reference Input Current
versus Ambient Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
5
7
3
9
11
13
15
17
19
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TA (°C)
TA (°C)
SLEEP Input Current
versus Ambient Temperature
A139x, V
CC = VREF= VSLEEP = 3 V
A139x, V
CC = VREF= VSLEEP = 3 V
-20
-5
10
25
40
55
70
85
Electrical Characteristic Data


Similar Part No. - A1393SEHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1393SEHLT-T2 ALLEGRO-A1393SEHLT-T2 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
More results

Similar Description - A1393SEHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
   LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
   Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
   Linear Hall-effect Sensors
logo
Honeywell Accelerometer...
91SS12-2 HONEYWELL-ACC-91SS12-2 Datasheet
71Kb / 1P
   SOLID STATE LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
List of Unclassifed Man...
AH350 ETC-AH350 Datasheet
180Kb / 6P
   Linear Hall-Effect Sensors
logo
Shaoxing Devechip Micro...
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
   Linear Hall-effect Sensors
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
   Hall effect linear sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com