Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8976 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8976
Description  Stereo CODEC With Speaker Driver
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8976_06 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8976_06 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LIP
Analogue input
Mic Pre-amp positive input
2
LIN
Analogue input
Mic Pre-amp negative input
3
L2/GPIO2
Analogue input
Line input/secondary mic pre-amp positive input/GPIO2 pin
4
DNC
Do not connect
Leave this pin floating
5
DNC
Do not connect
Leave this pin floating
6
DNC
Do not connect
Leave this pin floating
7
LRC
Digital Input / Output
DAC and ADC Sample Rate Clock
8
BCLK
Digital Input / Output
Digital Audio Port Clock
9
ADCDAT
Digital Output
ADC Digital Audio Data Output
10
DACDAT
Digital Input
DAC Digital Audio Data Input
11
MCLK
Digital Input
Master Clock Input
12
DGND
Supply
Digital ground
13
DCVDD
Supply
Digital core logic supply
14
DBVDD
Supply
Digital buffer (I/O) supply
15
CSB/GPIO1
Digital Input / Output
3-Wire Control Interface Chip Select / GPIO1 pin
16
SCLK
Digital Input
3-Wire Control Interface Clock Input / 2-Wire Control Interface Clock
Input
17
SDIN
Digital Input / Output
3-Wire Control Interface Data Input / 2-Wire Control Interface Data Input
18
MODE
Digital Input
Control Interface Selection
19
AUXL
Analogue input
Left Auxillary input
20
AUXR
Analogue input
Right Auxillary input
21
OUT4
Analogue Output
Buffered midrail Headphone pseudo-ground, or Right line output or MONO
mix output
22
OUT3
Analogue Output
Buffered midrail Headphone pseudo-ground, or Left line output
23
ROUT2
Analogue Output
Second right output, or BTL speaker driver positive output
24
SPKGND
Supply
Speaker ground (feeds speaker amp and OUT3/OUT4)
25
LOUT2
Analogue Output
Second left output, or BTL speaker driver negative output
26
SPKVDD
Supply
Speaker supply (feed speaker amp only)
27
VMID
Reference
Decoupling for ADC and DAC reference voltage
28
AGND
Supply
Analogue ground (feeds ADC and DAC)
29
ROUT1
Analogue Output
Headphone or Line Output Right
30
LOUT1
Analogue Output
Headphone or Line Output Left
31
AVDD
Supply
Analogue supply (feeds ADC and DAC)
32
MICBIAS
Analogue Output
Microphone Bias
Note:
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB. Refer to
the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB Footprints”


Similar Part No. - WM8976_06

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8976CGEFL/RV WOLFSON-WM8976CGEFL/RV Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
WM8976CGEFL/V WOLFSON-WM8976CGEFL/V Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
WM8976GEFL/RV WOLFSON-WM8976GEFL/RV Datasheet
1Mb / 83P
   Low Power CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
More results

Similar Description - WM8976_06

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
logo
Nuvoton Technology Corp...
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
   24-bit Stereo Audio Codec with Speaker Driver
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980_12 Datasheet
1Mb / 123P
   Stereo CODEC with Speaker Driver and Video Buffer
logo
Nuvoton Technology Corp...
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
   24-bit Stereo Audio Codec with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com