Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1148LLHLT-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1148LLHLT-T
Description  Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1148LLHLT-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1148LLHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1148LLHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The A1147 and A1148 devices are two-wire, unipolar, Hall
effect switches that are factory-programmed at end-of-line to
optimize ultrasensitive magnetic switchpoint accuracy. These
devices use a patented high frequency chopper-stabilization
technique, produced using the Allegro advanced BiCMOS
wafer fabrication process, to achieve magnetic stability and
to eliminate offset inherent in single-element devices exposed
to harsh application environments.
Commonly found in a number of automotive applications,
these switches are utilized to sense seat track position, seat
belt buckle presence, hood/trunk latching, and shift selector
position. Two-wire unipolar switches, such as the A1147
and A1148, are particularly advantageous in price-sensitive
applications because they require one less wire for operation
thandoswitcheswiththemoretraditionalopen-collectoroutput.
Additionally, the system designer inherently gains diagnostics
because there is always output current flowing, which should
be in either of two narrow ranges. Any current level not within
these ranges indicates a fault condition. These devices also
A1147-DS, Rev. 8
Features and Benefits
▪ Chopper stabilization
▫ Low switchpoint drift over operating
temperature range
▫ Low sensitivity to stress
▪ Factory programmed at end-of-line for optimized
switchpoints
▪ On-chip protection
▫ Supply transient protection
▫ Reverse-battery protection
▫ On-board voltage regulator
▫ 3.5 to 24 V operation
Low Current Ultrasensitive Two-Wire Chopper-Stabilized
Unipolar Hall Effect Switches
Continued on the next page…
Functional Block Diagram
Not to scale
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)
A1147 and A1148
Amp
Regulator
Low-Pass
Filter
GND
VCC
GND
Package UA Only
0.01 uF
V+
Clock/Logic
To All Subcircuits


Similar Part No. - A1148LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1148LLHLT-T ALLEGRO-A1148LLHLT-T Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1148LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com