Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8960 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8960_06 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8960_06 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
22
INPUT BOOST
The input path to the ADCs is via a boost stage, which can mix signals from the microphone PGAs
and the line inputs.
The boost stage can provide up to +29dB additional gain from the microphone PGA output to the
ADC input, providing a total maximum available analogue gain of +59dB from microphone to ADC.
The microphone PGA path to the boost mixer is muted using LINMUTE and RINMUTE as shown in
Table 4. Microphone PGA to boost gain settings are shown in Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ADCL Signal
path
5:4
LMICBOOST
[1:0]
00
Left Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
R33 (21h)
ADCR Signal
path
5:4
RMICBOOST
[1:0]
00
Right Channel Input PGA Boost
Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
Table 5 Microphone PGA Boost Control
For line inputs, -12dB to +6dB gain is available on the boost mixer, with mute control, as shown in
Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
LIN3BOOST
[2:0]
000
LINPUT3 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
R43 (2Bh)
Input Boost
Mixer 1
3:1
LIN2BOOST
[2:0]
000
LINPUT2 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
6:4
RIN3BOOST
[2:0]
000
RINPUT3 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
R44 (2Ch)
Input Boost
Mixer 2
3:1
RIN2BOOST
[2:0]
000
RINPUT2 to Boost Mixer gain
000 = Mute
001 = -12dB
...3dB steps up to
111 = +6dB
Table 6 Line Input Boost Control
When all three input paths to the boost mixer are disabled, the boost mixer will automatically be
muted.


Similar Part No. - WM8960_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/V WOLFSON-WM8960CGEFL/V Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/V CIRRUS-WM8960CGEFL/V Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results

Similar Description - WM8960_06

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com