Part Name
         Description
WM8960_06

 Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications ( 88 Page)


WOLFSON
100% 
Zoom Out Zoom In
 6 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain =
0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, LINPUT3, RINPUT2, RINPUT3)
L/RINPUT1
Single-ended or
differential MIC
1.0
0
Vrms
dBV
L/RINPUT2/3
Differential MIC
0.5
-6
Vrms
dBV
L/RINPUT2/3
Boost or bypass path
0.5
-6
Vrms
dBV
Full-scale Input Signal Level –
note this changes in proportion
to AVDD
VINFS
L/RINPUT3
Boost + bypass path
0.5
-6
Vrms
dBV
Mic PGA equivalent input noise
0 to 20kHz,
+30dB gain
150
uV
RINPUT1
+30dB PGA gain
Differential or single-
ended MIC configuration
3
k
RINPUT1
0dB PGA gain
Differential or single-
ended MIC configuration
49
k
RINPUT1
-17.25dB PGA gain
Differential or single-
ended MIC configuration
87
k
RINPUT2,
RINPUT3
(Constant for all gains)
Differential MIC
configuration
85
k
RINPUT2,
RINPUT3
Max boost gain
L/RINPUT2/3 to boost
7.5
k
RINPUT2,
RINPUT3
0dB boost gain
L/RINPUT2/3 to boost
13
k
RINPUT2,
RINPUT3
Min boost gain
L/RINPUT2/3 to boost
37
k
RINPUT3
Max bypass gain
L/RINPUT2/3 to bypass
20
k
Input resistance
(Note that input boost and
bypass path resistances will be
seen in parallel with PGA input
resistance when these paths are
enabled)
RINPUT3
Min bypass gain
L/RINPUT2/3 to bypass
224
k
Input capacitance
10
pF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain Min
-17.25
dB
Programmable Gain Max
30
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
LMIC2B = 0 and
RMIC2B = 0
90
dB
Selectable Input Gain Boost
Input from PGA
0, 13, 20,
29, MUTE
dB
Gain Boost Steps
Input from L/RINPUT2 or
L/RINPUT3
-12, -9, -6, -3
0, 3, 6,
MUTE
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM8956_06Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers 1 2 Wolfson Microelectronics plc
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
TSC2101_07AUDIO CODEC WITH INTEGRATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER 1 2 3 4 5 MoreTexas Instruments
WM8750L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8971L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8731_06Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates 1 2 3 4 5 MoreWolfson Microelectronics plc
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
WM8751LSTEREO DAC FOR PORTABLE AUDIO APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc
TLV320AIC23_06Stereo Audio CODEC 8-to 96-kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl