Part Name
         Description
WM8960_06

 Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications ( 88 Page)


WOLFSON
100% 
Zoom Out Zoom In
 
 5 page
background image
Preliminary Technical Data
WM8960
w
PTD, September 2006, Rev 2.0
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltages (excluding SPKVDD1 and SPKVDD2)
-0.3V
+4.5V
SPKVDD1, SPKVDD2
-0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-40
°C
+85
°C
Storage temperature after soldering
-65
°C
+150
°C
Notes
1.
Analogue, digital and speaker grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other (i.e. not internally connected).
3.
DCVDD must be less than or equal to AVDD and DBVDD.
4.
AVDD must be less than or equal to SPKVDD1 and SPKVDD2.
5.
SPKVDD1 and SPKVDD2 must be high enough to support the peak output voltage when using DCGAIN and ACGAIN
functions, to avoid output waveform clipping. Peak output voltage is AVDD*(DCGAIN+ACGAIN)/2.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.71
3.6
V
Digital supply range (Buffer)
DBVDD
1.71
3.6
V
Analogue supplies range
AVDD
2.7
3.6
V
Speaker supply range
SPKVDD1, SPKVDD2
2.7
5.5
V
Ground
DGND, AGND, SPKGND1,
SPKGND2
0
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM8956_06Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers 1 2 Wolfson Microelectronics plc
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
TSC2101_07AUDIO CODEC WITH INTEGRATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER 1 2 3 4 5 MoreTexas Instruments
WM8750L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8971L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8731_06Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates 1 2 3 4 5 MoreWolfson Microelectronics plc
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
WM8751LSTEREO DAC FOR PORTABLE AUDIO APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc
TLV320AIC23_06Stereo Audio CODEC 8-to 96-kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl