Part Name
         Description
WM8960_06

 Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications ( 88 Page)


WOLFSON
100% 
Zoom Out Zoom In
 
 4 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
MICBIAS
Analogue Output
Microphone bias
2
LINPUT3 / JD2
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Jack detect input pin
3
LINPUT2
Analogue Input
Left channel line input /
Left channel positive differential MIC input
4
LINPUT1
Analogue Input
Left channel single-ended MIC input /
Left channel negative differential MIC input
5
RINPUT1
Analogue Input
Right channel single-ended MIC input /
Right channel negative differential MIC input
6
RINPUT2
Analogue Input
Right channel line input /
Right channel positive differential MIC input
7
RINPUT3 / JD3
Analogue Input
Right channel line input /
Right channel positive differential MIC input /
Jack detect input pin
8
DCVDD
Supply
Digital core supply
9
DGND
Supply
Digital ground (Return path for both DCVDD and DBVDD)
10
DBVDD
Supply
Digital buffer (I/O) supply
11
MCLK
Digital Input
Master clock
12
BCLK
Digital Input / Output
Audio interface bit clock
13
DACLRC
Digital Input / Output
Audio interface DAC left / right clock
14
DACDAT
Digital Input
DAC digital audio data
15
ADCLRC / GPIO1
Digital Input / Output
Audio interface ADC left / right clock / GPIO1 pin
16
ADCDAT
Digital Output
ADC digital audio data
17
SCLK
Digital Input
Control interface clock input
18
SDIN
Digital Input/Output
Control interface data input / 2-wire acknowledge output
19
SPK_RN
Analogue Output
Right speaker negative output
20
SPKGND2
Supply
Ground for speaker drivers 2
21
SPKVDD2
Supply
Supply for speaker drivers 2
22
SPK_RP
Analogue Output
Right speaker positive output
23
SPK_LN
Analogue Output
Left speaker negative output
24
SPKGND1
Supply
Ground for speaker drivers 1
25
SPK_LP
Analogue Output
Left speaker positive output
26
SPKVDD1
Supply
Supply for speaker drivers 1
27
VMID
Analogue Output
Midrail voltage decoupling capacitor
28
AGND
Supply
Analogue ground (Return path for AVDD)
29
HP_R
Analogue Output
Right output (Line or headphone)
30
OUT3
Analogue Output
Mono, left, right or buffered midrail output for capless mode
31
HP_L
Analogue Output
Left output (Line or headphone)
32
AVDD
Supply
Analogue supply
33
GND_PADDLE
Die Paddle (Note 1)
Note:
1.
It is recommended that the QFN ground paddle should be connected to analogue ground on the application PCB.
2.
Refer to the application note WAN_0118 on “Guidelines on How to Use QFN Packages and Create Associated PCB
Footprints”



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM8956_06Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers 1 2 Wolfson Microelectronics plc
WM8750BLStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
TSC2101_07AUDIO CODEC WITH INTEGRATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER 1 2 3 4 5 MoreTexas Instruments
WM8750L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8971L_05Stereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
WM8731_06Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates 1 2 3 4 5 MoreWolfson Microelectronics plc
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
WM8751LSTEREO DAC FOR PORTABLE AUDIO APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc
TLV320AIC23_06Stereo Audio CODEC 8-to 96-kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl