Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8955LSEFL Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8955LSEFL
Description  Stereo DAC For Portable Audio Applications
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955LSEFL Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8955LSEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 13Page - Wolfson Microelectronics plc WM8955LSEFL Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
WM8955L
Production Data
w
PD Rev 4.2 March 2006
10
SPEAKER THD AND NOISE VERSUS POWER
WM8955 L/ROUT2 8R BTL Speaker Load THD+NvPo
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
50.00
100.00
150.00
200.00
250.00
300.00
350.00
400.00
450.00
500.00
Output Power (mW)
THD+N
(dB)
THD referenced
to 0.95Vrms
AVDD=HPVDD=DBVDD=3.3V DCVDD=1.42V
1.013kHz sinewave input signal, A-weighted


Similar Part No. - WM8955LSEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955LEFL WOLFSON-WM8955LEFL Datasheet
377Kb / 43P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
More results

Similar Description - WM8955LSEFL

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
   Stereo DAC For Portable Audio Applications
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
   STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
   Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
   STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
   Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
   Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com