Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST26C31 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST26C31
Description  CMOS quad tri-state differential line driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31 Datasheet(HTML) 5 Page - STMicroelectronics

  ST26C31_06 Datasheet HTML 1Page - STMicroelectronics ST26C31_06 Datasheet HTML 2Page - STMicroelectronics ST26C31_06 Datasheet HTML 3Page - STMicroelectronics ST26C31_06 Datasheet HTML 4Page - STMicroelectronics ST26C31_06 Datasheet HTML 5Page - STMicroelectronics ST26C31_06 Datasheet HTML 6Page - STMicroelectronics ST26C31_06 Datasheet HTML 7Page - STMicroelectronics ST26C31_06 Datasheet HTML 8Page - STMicroelectronics ST26C31_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ST26C31
Maximum ratings
5/15
2
Maximum ratings
Note:
1
Absolute Maximum Ratings are those values beyond which the safety of the device cannot
be guaranteed. They are not meant to imply that the device should be operated at these
limits. The table of electrical characteristics provide conditions for actual device operation.
2
Unless otherwise specified, all voltage are referenced to ground. All currents into the device
pins are positive; all currents out of the device pins are negative.
Table 3.
Absolute maximum ratings (Note 1, Note 2)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to 7
V
VIN
DC Input voltage
-0.5 to (VCC + 0.5)
V
VOUT
DC Output voltage (high or low state)
-0.5 to 7
V
IIK
Clamp diode current
± 20
mA
IOUT
DC Output current per pin
± 150
mA
ICC
DC VCC or gnd current
± 150
mA
TSTG
Storage temperature range
-65 to +150
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
VIN
DC Input voltage
0 to VCC
V
VOUT
DC Output voltage (high or low state)
0 to VCC
V
VOUT
DC Output voltage (VCC = 0V or high impedance)
0 to 5
V
TA
Operating temperature range
-40 to +85
°C
tr, tf
Maximum enable input rise or fall times
500
ns


Similar Part No. - ST26C31_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31B STMICROELECTRONICS-ST26C31B Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
ST26C31BD STMICROELECTRONICS-ST26C31BD Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
ST26C31BDR STMICROELECTRONICS-ST26C31BDR Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
More results

Similar Description - ST26C31_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com