Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1205ELHLT-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1205ELHLT-T
Description  Continuous-Time Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1205ELHLT-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1205ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 11Page - Allegro MicroSystems A1205ELHLT-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Continuous-Time Bipolar Switch
A1205
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Power Derating
Power Derating
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ.(Thermaldataisalsoavailableon
theAllegroMicroSystemsWebsite.)
ThePackageThermalResistance,RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heatfromthejunction(die),throughallpathstotheambientair.
ItsprimarycomponentistheEffectiveThermalConductivity,
K, of the printed circuit board, including adjacent devices and
traces.Radiationfromthediethroughthedevicecase,RθJC, is
relativelysmallcomponentofRθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
Theeffectofvaryingpowerlevels(PowerDissipation,PD),can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
×IIN
(1)
Δ
T = PD
× RθJA(2)
TJ = TA+ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V,ICC = 4 mA, and RθJA =140°C/W,then:
PD = VCC
× ICC = 12 V × 4mA=48mW
Δ
T = PD
× RθJA=48mW × 140°C/W=7°C
TJ = TA + ΔT = 25°C + 7°C = 32°C
A worst-case estimate, PD(max), represents the maximum allow-
ablepowerlevel(VCC(max),ICC(max)),withoutexceedingTJ(max),
ataselectedRθJA and TA.
Example:ReliabilityforVCC at TA=150°C, package UA, using
minimum-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=165°C/W,TJ(max)=165°C, VCC(max)= 24 V, and
ICC(max)= 7.5 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
Δ
Tmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max)= ΔTmax÷RθJA=15°C÷165°C/W=91mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max)÷ICC(max)=91mW÷7.5mA=12.1 V
The result indicates that, at TA, the application and device can
dissipateadequateamountsofheatatvoltages≤VCC(est).
Compare VCC(est) to VCC(max).IfVCC(est)≤VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA.IfVCC(est)≥VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.


Similar Part No. - A1205ELHLT-T

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1205 EPCOS-A1205 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
MORNSUN Science& Techno...
A1205(X)T-1W MORNSUN-A1205(X)T-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
A1205(X)T-1W MORNSUN-A1205(X)T-1W Datasheet
164Kb / 4P
   DC/DC Converter
A1205D-1W MORNSUN-A1205D-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1205D-1WR2 MORNSUN-A1205D-1WR2 Datasheet
216Kb / 4P
   DC/DC Converter
More results

Similar Description - A1205ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com