Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8785 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8785
Description  24-Bit, 192kHz Stereo ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8785 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8785 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8785 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
WM8785
Production Data
w
PD Rev 4.1 December 2006
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AINL+
Analogue Input
Left Channel Positive Input
2
AINL-
Analogue Input
Left Channel Negative Input
3
VREFGND
Analogue Reference
Negative Reference Connection
4
AVDD
Supply
Analogue Supply
5
AGND
Supply
Analogue Ground (return path for AVDD)
6
LRCLK
Digital Input / Output
Audio Interface Left / Right Clock
7
DOUT
Digital Output
ADC Digital Audio Data
8
BCLK
Digital Input / Output
Audio Interface Bit Clock
9
MCLK
Digital Input
Master Clock
10
NC
NC
No Connection
11
SCLK
Digital Input
Control Interface Clock Input / 2 wire output
12
SDIN
Digital Input / Output
Control Interface Data Input
13
CSB
Digital Input
Chip Select / Control Interface Format Selection / 3 wire address select
14
NC
NC
No connection
15
DVDD
Supply
Digital Supply
16
DGND
Supply
Digital Ground (return path for DVDD)
17
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
18
VREF
Analogue Reference
Reference Voltage Decoupling Capacitor
19
AINR-
Analogue Input
Right Channel Negative Input
20
AINR+
Analogue Input
Right Channel Positive Input


Similar Part No. - WM8785

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8785GEDS/RV WOLFSON-WM8785GEDS/RV Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8785GEDS/V WOLFSON-WM8785GEDS/V Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8785

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com