Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8778 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24-bit, 192kHz Stereo CODEC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8778_05 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8778_05 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
WM8778
Production Data
w
PD Rev 4.0 April 2005
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AINL
Analogue Input
Left channel input
2
ZFLAGR
Digital Output
Right channel zero flag output (external pull-up required)
3
ZFLAGL
Digital Output
Left channel zero flag output (external pull-up required)
4
DACBCLK
Digital Input/Output
DAC audio interface bit clock
5
DACMCLK
Digital Input
Master DAC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
6
DIN
Digital Input
DAC data input
7
DACLRC
Digital Input/Output
DAC left/right word clock
8
ADCBCLK
Digital Input/Output
ADC audio interface bit clock
9
ADCMCLK
Digital Input
Master ADC clock; 256, 384, 512 or 768fs (fs = word clock frequency)
10
DOUT
Digital Output
ADC data output
11
ADCLRC
Digital Input/Output
ADC left/right word clock
12
DGND
Supply
Digital negative supply
13
DVDD
Supply
Digital positive supply
14
MODE
Digital Input
Control interface mode select, tri-level
15
CE\I2S
Digital Input
Serial interface Latch signal
16
DI\DEEMPH
Digital Input/Output
Serial interface data
17
CL\IWL
Digital Input
Serial interface clock
18
VOUTL
Analogue Output
DAC channel left output
19
VOUTR
Analogue Output
DAC channel right output
20
VMIDDAC
Analogue Output
DAC midrail decoupling pin ; 10uF external decoupling
21
DACREFN
Analogue Input
DAC negative reference input
22
DACREFP
Analogue Input
DAC positive reference input
23
VMIDADC
Analogue Output
ADC midrail divider decoupling pin; 10uF external decoupling
24
ADCREFGND
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
25
ADCREFP
Analogue Output
ADC positive reference decoupling pin; 10uF external decoupling
26
AVDD
Supply
Analogue positive supply
27
AGND
Supply
Analogue negative supply and substrate connection
28
AINR
Analogue Input
Right channel input
Note : Digital input pins have Schmitt trigger input buffers.


Similar Part No. - WM8778_05

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778EDS WOLFSON-WM8778EDS Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8778EDS/R WOLFSON-WM8778EDS/R Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8778SEDS WOLFSON-WM8778SEDS Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8778SEDS/R WOLFSON-WM8778SEDS/R Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
More results

Similar Description - WM8778_05

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
   24 - bit, 192kHz 8 - Channel Input Stereo Codec
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com