Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8599 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8599
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8599 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8599 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
Product Preview
WM8599
w
PP Rev 1.0 January 2007
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
ADCLRC
Digital Input/Output
ADC audio interface left/right clock input/output
2
ADCBCLK
Digital Input/Output
ADC audio interface bit clock input/output
3
DOUT
Digital Output
ADC data output
4
DACMCLK
Digital Input
DAC master clock
5
DACLRC
Digital input
DAC audio interface left/right clock input
6
DACBCLK
Digital Input
DAC audio interface bit clock input
7
DIN1
Digital Input
DAC 1 data input
8
DIN2
Digital Input
DAC 2 data input
9
NC
No connection
No internal connection
10
NC
No connection
No internal connection
11
NC
No connection
No internal connection
12
DVDD
Supply
Digital supply
13
DGND
Supply
Digital ground
14
/PWDN
Digital Input
Hardware standby mode
15
MUTE
Digital Input
Hardware DAC mute
16
/RESET
Digital Input
Hardware reset
17
AVDD2
Supply
Analogue 9V supply
18
AGND2
Supply
Analogue ground
19
VOUT3R
Analogue Output
Output selector channel 3 right output
20
VOUT3L
Analogue Output
Output selector channel 3 left output
21
VOUT2R
Analogue Output
Output selector channel 2 right output
22
VOUT2L
Analogue Output
Output selector channel 2 left output
23
VOUT1R
Analogue Output
Output selector channel 1 right output
24
VOUT1L
Analogue Output
Output selector channel 1 left output
25
VIN1L
Analogue Input
Input selector channel 1 left input
26
VIN1R
Analogue Input
Input selector channel 1 right input
27
VIN2L
Analogue Input
Input selector channel 2 left input
28
VIN2R
Analogue Input
Input selector channel 2 right input
29
VIN3L
Analogue Input
Input selector channel 3 left input
30
VIN3R
Analogue Input
Input selector channel 3 right input
31
VIN4L
Analogue Input
Input selector channel 4 left input
32
VIN4R
Analogue Input
Input selector channel 4 right input
33
VIN5L
Analogue Input
Input selector channel 5 left input
34
VIN5R
Analogue Input
Input selector channel 5 right input
35
ADCREFP
Analogue Input
Positive reference for ADC
36
ADCVMID
Analogue Output
Midrail divider decoupling pin for ADC
37
ADCREFN
Analogue Input
Ground reference for ADC
38
DACREFP
Analogue Input
Positive reference for DACs
39
DACVMID
Analogue Output
Midrail divider decoupling pin for DACs
40
DACREFN
Analogue Input
Ground reference for DACs
41
AVDD1
Supply
Analogue 3.3V supply
42
AVDD1
Supply
Analogue 3.3V supply
43
AGND1
Supply
Analogue ground
44
AGND1
Supply
Analogue ground
45
NC
No connection
No internal connection
46
SCLK
Digital Input
Software mode: serial control interface clock signal
47
SDIN
Digital Input
Software mode: serial control interface data signal
48
ADCMCLK
Digital Input
ADC master clock input


Similar Part No. - WM8599

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/V WOLFSON-WM8590GEDS/V Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8599

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8594 WOLFSON-WM8594_07 Datasheet
788Kb / 78P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
   24-bit, 192kHz 8-Channel Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com