Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDK2559B-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UDK2559B-T
Description  PROTECTED QUAD POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDK2559B-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  UDK2559B-T Datasheet HTML 1Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 2Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 3Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 4Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 5Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 6Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 7Page - Allegro MicroSystems UDK2559B-T Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2559
PROTECTED
QUAD POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
(1 of 4 Channels)
UDx2559EB
50
75
100
125
150
5
3
2
1
0
TEMPERATURE IN °°°°C
4
25
R
= 6°C/W
θJT
Dwg. GP-004-2B
SUFFIX 'EB', R
= 36°C/W
θJA
SUFFIX 'B', R
= 43°C/W
θJA
SUFFIX 'LB', R
= 90°C/W
θJA
PD = (VOUT1 x IOUT1 x dc) + … + (VOUTn x IOUTn x dc)
+ (VCC x ICC) = (TJ - TA)/RθJA
VCC
<<1 Ω
OUT
Dwg. FP-041
N
IN N
THERMAL
LIMIT
ENABLE
K
GROUND
GROUND
GROUND
GROUND
Dwg. PP-019-1
NC
NC
CC
V
19
20
21
22
23
24
25
5
6
7
8
9
10
11


Similar Part No. - UDK2559B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDK2559B ALLEGRO-UDK2559B Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
UDK2559B ALLEGRO-UDK2559B Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
More results

Similar Description - UDK2559B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com