Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8594 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8594
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8594 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
Product Preview
WM8594
w
PP Rev 1.0 January 2007
9
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, 1kHz signal, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Channel Separation
4,5
100
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
0.05
Degree
Headphone Amplifier
Output signal level (0dB)
0.8
Vrms
Signal to Noise Ratio
1,5
SNR
A-weighted
dB
PO=20mW, RL=16Ω
dB
Total Harmonic Distortion
THD
PO=20mW, RL=32Ω
dB
Channel Separation
4,5
dB
Power Supply Rejection Ratio
PSRR
TBD
dB
Digital Volume Control
ADC minimum digital volume
-97
dB
ADC maximum digital volume
+30
dB
ADC volume step size
0.5
dB
DAC minimum digital volume
-100
dB
DAC maximum digital volume
+12
dB
DAC volume step size
0.5
dB
Analogue Volume Control
Minimum gain
-73.5
dB
Maximum gain
+6
dB
Step size
0.5
dB
Mute attenuation
TBD
dB
Crosstalk
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
DAC to ADC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
ADC to DAC
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
TERMINOLOGY
1.
Signal-to-noise ratio (dBFS) – SNR is the difference in level between a reference full scale output signal and the
device output with no signal applied. This ratio is also called idle channel noise. (No Auto-zero or Automute function is
employed in achieving these results).
2.
Dynamic range (dBFS) – DNR is a measure of the difference in level between the highest and lowest components of a
signal. Normally a THD measurement at -60dBFS. The measured signal is then corrected by adding 60dB to the
result, e.g. THD @ -60dBFS = -30dB, DNR = 90dB.
3.
Total Harmonic Distortion (dBFS) – THD is the difference in level between a reference full scale output signal and the
first seven odd harmonics of the output signal. To calculate the ratio, the fundamental frequency of the output signal is
notched out and an RMS value of the next seven odd harmonics is calculated.
4.
Channel Separation (dB) – Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.


Similar Part No. - WM8594

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/V WOLFSON-WM8590GEDS/V Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8594

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8599 WOLFSON-WM8599_06 Datasheet
760Kb / 74P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
   24-bit, 192kHz 8-Channel Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com