Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8594 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8594
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8594_07 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8594_07 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
WM8594
Product Preview
w
PP Rev 1.0 January 2007
6
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltage, DVDD
-0.3V
+4.5V
Analogue supply voltage, AVDD1
-0.3V
+7V
Analogue supply voltage, AVDD2
-0.3V
+15V
Voltage range digital inputs
DGND -0.3V
DVDD + 0.3V
Voltage range analogue inputs
TBD
AVDD1 + 0.2V
Master Clock Frequency
38.462MHz
Ambient temperature (supplies applied)
-55
°C
+125
°C
Storage temperature
-65
°C
+150
°C
Pb free package body temperature (reflow 10 seconds)
+260
°C
Package body temperature (soldering 2 minutes)
+183
°C
Note:
1.
Analogue and digital grounds must always be within 0.3V of each other.
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Thermal resistance – junction to
ambient
RθJA
51.7
See note 1
°C/W
Notes:
1.
Figure given for package mounted on 4-layer FR4 according to JESD51-7. (No forced air flow is assumed).
2.
Thermal performance figures are estimated.


Similar Part No. - WM8594_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8590GEDS/V WOLFSON-WM8590GEDS/V Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8594_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8599 WOLFSON-WM8599_06 Datasheet
760Kb / 74P
   24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
   24-bit, 192kHz 8-Channel Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com