Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG14BAEVB Datasheet(PDF) 2 Page - ON Semiconductor

Part # NBSG14BAEVB
Description  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14BAEVB Datasheet(HTML) 2 Page - ON Semiconductor

  NBSG14BAEVB Datasheet HTML 1Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 2Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 3Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 4Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 5Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 6Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 7Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 8Page - ON Semiconductor NBSG14BAEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NBSG14
http://onsemi.com
2
Figure 1. BGA−16 Pinout (Top View)
VTCLK
CLK
CLK
VEE
VTCLK
Q0
VEE
Q3
Q3
Q2
VCC
VCC
Q0
Q1
Q1
Q2
A
B
C
D
12
3
4
VEE
Q3
Q3
VCC
VEE
Q0
Q0
VCC
Q1
Q1
Q2
Q2
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NBSG14
Exposed Pad (EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. Pin Description
Pin
Name
I/O
Description
BGA
QFN
D1
1
VTCLK
Internal 50
W Termination pin. See Table 2.
C1
2
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input. Internal 75 k
W to VEE and 36.5 kW to VCC.
B1
3
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input. Internal 75 k
W to VEE.
A1
4
VTCLK
Internal 50
W Termination Pin. See Table 2.
B2,C2
5,16
VEE
Negative Supply Voltage. All VEE Pins must be Externally Connected to
Power Supply to Guarantee Proper Operation.
A2*
6
Q3
RSECL Output
Inverted Differential Output 3. Typically Terminated with 50
W to
VTT = VCC − 2 V*
A3*
7
Q3
RSECL Output
Noninverted Differential Output 3. Typically Terminated with 50
W to
VTT = VCC − 2 V*
B3,C3
8,13
VCC
Positive Supply Voltage. All VCC Pins must be Externally Connected to
Power Supply to Guarantee Proper Operation.
A4*
9
Q2
RSECL Output
Inverted Differential Output 2. Typically Terminated with 50
W to
VTT = VCC − 2 V*
B4*
10
Q2
RSECL Output
Noninverted Differential Output 2. Typically Terminated with 50
W to
VTT = VCC − 2 V*
C4*
11
Q1
RSECL Output
Inverted Differential Output 1. Typically Terminated with 50
W to
VTT = VCC − 2 V*
D4*
12
Q1
RSECL Output
Noninverted Differential Output 1. Typically Terminated with 50
W to
VTT = VCC − 2 V*
D3*
14
Q0
RSECL Output
Inverted Differential Output 0. Typically Terminated with 50
W to
VTT = VCC − 2 V*
D2*
15
Q0
RSECL Output
Noninverted Differential Output 0. Typically Terminated with 50
W to
VTT = VCC − 2 V*
N/A
EP
Exposed Pad. The thermally exposed pad on package bottom (see case
drawing) must be attached to a heat−sinking conduit.
1. In the differential configuration when the input termination pins (VTCLK, VTCLK) are connected to a common termination voltage, if no
signal is applied then the device will be susceptible to self−oscillation.
*Devices in BGA package typically terminated with 50
W to VTT = VCC − 1.5 V.


Similar Part No. - NBSG14BAEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results

Similar Description - NBSG14BAEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com