Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12439FAR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NBC12439FAR2G
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FAR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NBC12439FAR2G Datasheet HTML 1Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 2Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 3Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 4Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 5Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 6Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 7Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 8Page - ON Semiconductor NBC12439FAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NBC12439, NBC12439A
http://onsemi.com
2
Figure 1. Block Diagram (28--Lead PLCC)
7--BIT ÷ M
COUNTER
÷ 2
7--BIT SR
2--BIT SR
3--BIT SR
÷ 2
10--20MHz
S_LOAD
P_LOAD
S_DATA
S_CLOCK
XTAL1
XTAL2
OSC
4
5
PHASE
DETECTOR
28
7
LATCH
VCO
÷ N
(1,2,4,8)
LATCH
400--800
MHz
FOUT
FOUT
+3.3 or 5.0 V
21, 25
24
23
VCC
LATCH
TEST
20
+3.3 or 5.0 V
PLL_VCC
FREF
01
27
26
01
M[6:0]
7
8
14
N[1:0]
2
17, 18
22, 19
OE
6
FREF_EXT
3
XTAL_SEL
15
1
PWR_DOWN
2
POWER
DOWN
Table 1. Output Division
N [1:0]
Output Division
00
01
10
11
2
4
8
1
Table 2. XTAL_SEL And OE
Input
0
1
PWR_DOWN
XTAL_SEL
OE
FOUT
FREF_EXT
Outputs Disabled
FOUT ÷ 16
XTAL
Outputs Enabled


Similar Part No. - NBC12439FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FAR2G ONSEMI-NBC12439FAR2G Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
More results

Similar Description - NBC12439FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com