Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12430FAR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NBC12430FAR2
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430FAR2 Datasheet(HTML) 3 Page - ON Semiconductor

  NBC12430FAR2 Datasheet HTML 1Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 2Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 3Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 4Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 5Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 6Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 7Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 8Page - ON Semiconductor NBC12430FAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NBC12430, NBC12430A
http://onsemi.com
3
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
M[4]
XTAL1
XTAL_SEL
FREF_EXT
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
Figure 2. 28−Lead PLCC (Top View)
N/C
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
XTAL_SEL
FREF_EXT
PLL_VCC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
M[4]
XTAL1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
78
9
10
11
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
1213
1415
16
24
23
22
21
20
19
18
17
32 31
30
29
28
27
26
25
32
31
30
29
28
27
26
25
9
10
11
12
1314
1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
N/C
N[1]
N[0]
M[8]
M[7]
M[6]
M[5]
XTAL_SEL
FREF_EXT
PLL_VCC
PLL_VCC
S_LOAD
S_DATA
S_CLOCK
M[4]
XTAL1
Figure 3. 32−Lead QFN (Top View)
Exposed Pad (EP)
Figure 4. 32−Lead LQFP (Top View)


Similar Part No. - NBC12430FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430FAR2 ONSEMI-NBC12430FAR2 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430FAR2 ONSEMI-NBC12430FAR2 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12430FAR2G ONSEMI-NBC12430FAR2G Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430FAR2G ONSEMI-NBC12430FAR2G Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
More results

Similar Description - NBC12430FAR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com