Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N975B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N975B
Description  Zeners General Purpose Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N975B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N975B Datasheet HTML 1Page - Fairchild Semiconductor 1N975B Datasheet HTML 2Page - Fairchild Semiconductor 1N975B Datasheet HTML 3Page - Fairchild Semiconductor 1N975B Datasheet HTML 4Page - Fairchild Semiconductor 1N975B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
1N957B - 1N991B, Rev. E2
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ) Measurement
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
2. Zener Impedance (ZZ) Derivation
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac
frequency = 60Hz.
3. Maximum Zener Current Ratings (IZM)
The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve.
Device
VZ (Volts) (Note 1)
ZZ (Ω) (Note 2)
IR @ VR
IZM (mA)
(Note 3)
Min.
Typ.
Max.
@ IZ
ZZ @ IZ
ZZK @ IZK
µAVolts
mA
1N982B
1N983B
1N984B
1N985B
1N986B
71.25
77.9
86.45
95
104.5
75
82
91
100
110
78.75
86.1
95.55
105
115.5
1.7
1.5
1.4
1.3
1.1
270
330
400
500
750
2000
3000
3000
3000
4000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
56.0
62.2
69.2
76.0
83.6
4.1
3.7
3.3
3.0
2.7
1N987B
1N988B
1N989B
1N990B
1N991B
114
123.5
142.5
152
171
120
130
150
160
180
126
136.5
157.5
168
189
1.0
0.95
0.85
0.80
0.68
900
1100
1500
1700
2200
4500
5000
6000
6500
7100
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
91.2
98.8
114
121.6
136.8
2.5
2.3
2.0
1.9
1.7


Similar Part No. - 1N975B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N975B JGD-1N975B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Tak Cheong Electronics ...
1N975B TAK_CHEONG-1N975B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N975B CDI-DIODE-1N975B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
RFE international
1N975B RFE-1N975B Datasheet
72Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
General Semiconductor
1N975B GE-1N975B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N975B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5610 MICROSEMI-1N5610 Datasheet
83Kb / 2P
   POWER ZENERS TRANSIENT SUPPRESSOR DIODES
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com