Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBC12430 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBC12430
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12430 Datasheet(HTML) 1 Page - ON Semiconductor

  NBC12430 Datasheet HTML 1Page - ON Semiconductor NBC12430 Datasheet HTML 2Page - ON Semiconductor NBC12430 Datasheet HTML 3Page - ON Semiconductor NBC12430 Datasheet HTML 4Page - ON Semiconductor NBC12430 Datasheet HTML 5Page - ON Semiconductor NBC12430 Datasheet HTML 6Page - ON Semiconductor NBC12430 Datasheet HTML 7Page - ON Semiconductor NBC12430 Datasheet HTML 8Page - ON Semiconductor NBC12430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 9
1
Publication Order Number:
NBC12430/D
NBC12430, NBC12430A
3.3V/5VProgrammable PLL
Synthesized Clock
Generator
50 MHz to 800 MHz
The NBC12430 and NBC12430A are general purpose, PLL based
synthesized clock sources. The VCO will operate over a frequency
range of 400 MHz to 800 MHz. The VCO frequency is sent to the
N−output divider, where it can be configured to provide division ratios
of 1, 2, 4, or 8. The VCO and output frequency can be programmed
using the parallel or serial interfaces to the configuration logic. Output
frequency steps of 250 KHz, 500 KHz, 1.0 MHz, 2.0 MHz can be
achieved using a 16 MHz crystal, depending on the output dividers
settings. The PLL loop filter is fully integrated and does not require
any external components.
Features
Best−in−Class Output Jitter Performance, ±20 ps Peak−to−Peak
50 MHz to 800 MHz Programmable Differential PECL Outputs
Fully Integrated Phase−Lock−Loop with Internal Loop Filter
Parallel Interface for Programming Counter and Output Dividers
During Powerup
Minimal Frequency Overshoot
Serial 3−Wire Programming Interface
Crystal Oscillator Interface
Operating Range: VCC = 3.135 V to 5.25 V
CMOS and TTL Compatible Control Inputs
Pin and Function Compatible with Motorola MC12430 and
MPC9230
0°C to 70°C Ambient Operating Temperature (NBC12430)
−40°C to 85°C Ambient Operating Temperature (NBC12430A)
Pb−Free Packages are Available
MARKING
DIAGRAMS
PLCC−28
FN SUFFIX
CASE 776
NBC12430xG
AWLYYWW
128
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
LQFP−32
FA SUFFIX
CASE 873A
x
= Blank or A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
NBC12
430x
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
NBC12
430x
AWLYYWWG
G
1
(Note: Microdot may be in either location)


Similar Part No. - NBC12430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430 ONSEMI-NBC12430 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12430A ONSEMI-NBC12430A Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430AFA ONSEMI-NBC12430AFA Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430AFA ONSEMI-NBC12430AFA Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
More results

Similar Description - NBC12430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com