Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N965B Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 1N965B
Description  Zeners General Purpose Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N965B Datasheet(HTML) 3 Page - Fairchild Semiconductor

  1N965B Datasheet HTML 1Page - Fairchild Semiconductor 1N965B Datasheet HTML 2Page - Fairchild Semiconductor 1N965B Datasheet HTML 3Page - Fairchild Semiconductor 1N965B Datasheet HTML 4Page - Fairchild Semiconductor 1N965B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
1N957B - 1N991B, Rev. E2
Top Mark Information
Device
Line 1
Line 2
Line 3
Line 4
1N957B
1N958B
1N959B
1N960B
1N961B
LOGO
LOGO
LOGO
LOGO
LOGO
957
958
959
960
961
B
B
B
B
B
XY
XY
XY
XY
XY
1N962B
1N963B
1N964B
1N965B
1N966B
LOGO
LOGO
LOGO
LOGO
LOGO
962
963
964
965
966
B
B
B
B
B
XY
XY
XY
XY
XY
1N967B
1N968B
1N969B
1N970B
1N971B
LOGO
LOGO
LOGO
LOGO
LOGO
967
968
969
970
971
B
B
B
B
B
XY
XY
XY
XY
XY
1N972B
1N973B
1N974B
1N975B
1N976B
LOGO
LOGO
LOGO
LOGO
LOGO
972
973
974
975
976
B
B
B
B
B
XY
XY
XY
XY
XY
1N977B
1N978B
1N979B
1N980B
1N981B
LOGO
LOGO
LOGO
LOGO
LOGO
977
978
979
980
981
B
B
B
B
B
XY
XY
XY
XY
XY
1N982B
1N983B
1N984B
1N985B
1N986B
LOGO
LOGO
LOGO
LOGO
LOGO
982
983
984
985
986
B
B
B
B
B
XY
XY
XY
XY
XY
1N987B
1N988B
1N989B
1N990B
1N991B
LOGO
LOGO
LOGO
LOGO
LOGO
987
988
989
990
991
B
B
B
B
B
XY
XY
XY
XY
XY


Similar Part No. - 1N965B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N965B JGD-1N965B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
TRANSYS Electronics Lim...
1N965B TEL-1N965B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Compensated Deuices Inc...
1N965B CDI-DIODE-1N965B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Tak Cheong Electronics ...
1N965B TAK_CHEONG-1N965B Datasheet
167Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
General Semiconductor
1N965B GE-1N965B Datasheet
37Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N965B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5610 MICROSEMI-1N5610 Datasheet
83Kb / 2P
   POWER ZENERS TRANSIENT SUPPRESSOR DIODES
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com