Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100ELT23LDTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100ELT23LDTR2G
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100ELT23LDTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB100ELT23LDTR2G Datasheet HTML 1Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 2Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 3Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 4Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 5Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 6Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 7Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NB100ELT23L
http://onsemi.com
4
Table 5. TTL DC CHARACTERISTICS VCC = 3.3 V, GND = 0.0 V, TA = −40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = −3.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
V
IOS
Output Short Circuit Current
−180
−50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. AC CHARACTERISTICS VCC = 3.3 V $ 5%, GND = 0.0 V (Note 4)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
160
160
160
MHz
tPLH,
tPHL
Propagation Delay to Output Differential
(Note 5)
CL = 20 pF
1.95
2.5
2.95
1.95
2.5
2.95
1.95
2.6
3.25
ns
tSK+ +
tSK− −
tSKPP
Output−to−Output Skew++
Output−to−Output Skew− −
Part−to−Part Skew (Note 6)
60
25
500
60
25
500
60
25
500
ps
tJITTER
Random Clock Jitter (RMS)
6.0
20
6.0
20
6.0
20
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
CL = 20 pF (0.8 V to 2.0 V)
700
300
900
1650
1000
700
300
900
1650
1000
700
300
900
1650
1000
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 500
W to GND, CL = 20 pF.
5. Reference (VCC = 3.3 V ± 5%; GND = 0 V).
6. Skews are measured between outputs under identical conditions.
Figure 2. TTL Output Loading Used for Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER


Similar Part No. - NB100ELT23LDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
More results

Similar Description - NB100ELT23LDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_15 Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com