Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF6401MN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUF6401MN
Description  6 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6401MN Datasheet(HTML) 4 Page - ON Semiconductor

  NUF6401MN Datasheet HTML 1Page - ON Semiconductor NUF6401MN Datasheet HTML 2Page - ON Semiconductor NUF6401MN Datasheet HTML 3Page - ON Semiconductor NUF6401MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NUF6401MN
http://onsemi.com
4
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. EXPOSED PADS CONNECTED TO DIE FLAG.
USED AS TEST CONTACTS.
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
2.10
2.30
E
1.35 BSC
E2
0.20
0.40
e
0.50 BSC
K
0.20
−−−
L
0.20
0.40
0.15 C
D
E
B
A
2 X
2 X
12 X
A
A1
(A3)
0.15 C
PIN ONE
REFERENCE
0.08 C
0.10 C
C
SEATING
PLANE
D2
E2
BOTTOM VIEW
b
e
12 X
0.10
B
0.05
A
C
C
L
12 X
K
12 X
SIDE VIEW
TOP VIEW
NOTE 3
16
7
12
2 X
NOTE 5
EXPOSED Cu
(A3)
0.2 X 0.25 MM
EXPOSED PAD
2.352
0.093
mm
inches
SCALE 16:1
0.265
0.01
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.479
0.019
0.351
0.014
DFN12 3.0*1.35*0.85
CASE 506AD−01
ISSUE F
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NUF6401MN/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NUF6401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6401MN ONSEMI-NUF6401MN Datasheet
98Kb / 4P
   EMI Filter with ESD Protection
November, 2004 ??Rev. P2
NUF6401MNT1G ONSEMI-NUF6401MNT1G Datasheet
98Kb / 4P
   EMI Filter with ESD Protection
November, 2004 ??Rev. P2
More results

Similar Description - NUF6401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8075 AOSMD-AOZ8075 Datasheet
336Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8045 ALPHA-AOZ8045 Datasheet
348Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
STMicroelectronics
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com