Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NB100LVEP56_06 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NB100LVEP56_06
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
NB100LVEP56
http://onsemi.com
4
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Mode Power Supply
VEE = 0 V
6
V
VEE
Negative Mode Power Supply
VCC = 0 V
−6
V
VI
Positive Mode Input Voltage
Negative Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
"0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−3 (1S − Single Layer Test Board)
0 lfpm
500 lfpm
TSSOP−20
TSSOP−20
140
50
°C/W
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−6 (2S2P−Multi Layer Test Board)
with Filled Thermal Vias
0 lfpm
500 lfpm
QFN−24
QFN−24
37
32
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−20
QFN−24
23 to 41
11
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. DC CHARACTERISTICS, PECL VCC = 2.5 V, VEE = 0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
35
45
55
35
45
55
35
48
58
mA
VOH
Output HIGH Voltage (Note 3)
1355 1480 1605
1355
1480
1605
1355
1480
1605
mV
VOL
Output LOW Voltage (Note 3)
555
775
900
555
775
900
555
775
900
mV
VIH
Input HIGH Voltage (SEL0, SEL1, COM_SEL)
Input HIGH Voltage (D Inputs) (Note 4)
1335
1335
VCC
1620
1335
1335
VCC
1620
1275
1275
VCC
1620
mV
VIL
Input LOW Voltage (SEL0, SEL1, COM_SEL)
Input LOW Voltage (D Inputs) (Note 4)
VEE
555
875
875
VEE
555
875
875
VEE
555
875
875
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 5)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current (@VIH)
150
150
150
mA
IIL
Input LOW Current (@VIL)D
D
SEL
0.5
−150
−150
0.5
−150
−150
0.5
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary −0.125 V to +1.3 V.
3. All loading with 50 W to VCC − 2.0 V.
4. Do not use VBB at VCC < 3.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100EL56_065V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL58_063.3V ECL 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL59_063.3V ECL Triple 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP29_063.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 1 2 3 4 5 MoreON Semiconductor
MC100LVEP210_062.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC100LVE210_063.3V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP11_062.5V / 3.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP16_062.5V / 3.3V ECL Differential Receiver/Driver 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl