Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NB100LVEP56_06 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NB100LVEP56_06
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 3 page
background image
NB100LVEP56
http://onsemi.com
3
D0b
SEL0
X
L
L
H
H
Table 2. TRUTH TABLE
Q0, Q0
a
b
b
a
a
SEL1
X
L
H
H
L
COM_SEL
H
L
L
L
L
Q1, Q1
a
b
a
a
b
17
18
16
15
14
13
12
4
3
56
78
9
11
10
19
20
2
1
NB100LVEP56
Q1
Q1
VCC
Q0
18
12
4
3
5
6
78
9
D0b
11
10
VCC
D0a
VEE SEL0
SEL1
2
1
D1a D1a
VCC
COM
SEL
VCC
17
16
15
14
13
VCC
19
24
23
22
20
21
NB100LVEP56
VEE
Q0
D0a
VBB0
VBB1
D1b
D1b
Exposed Pad
(EP)
D0b
D0b
D1a
Q0
SEL0
SEL1
Q1
Q1
VEE
D0a
Q0
D1a
D0a
COM_SEL
D1b
D1b
1
1
Figure 1. Logic Diagram
VCC
R1
R2
R1
R2
R1
R2
R1
R2
R1
R1
R1
R1
R1
R1
R1
Figure 2. TSSOP−20 Lead Pinout (Top View)
Figure 3. QFN−24 Lead Pinout (Top View)
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
Internal Input Pullup Resistor
(R2)
37 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity (Note 1)
Pb Pkg
Pb−Free Pkg
TSSOP−20
QFN−24
Level 1
Level 1
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
354 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100EL56_065V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL58_063.3V ECL 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL59_063.3V ECL Triple 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP29_063.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 1 2 3 4 5 MoreON Semiconductor
MC100LVEP210_062.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC100LVE210_063.3V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP11_062.5V / 3.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP16_062.5V / 3.3V ECL Differential Receiver/Driver 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl