Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NB100LVEP56_06 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NB100LVEP56_06
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 2 page
background image
NB100LVEP56
http://onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Name
I/O
Default
State
Description
TSSOP
QFN
14,20
3,9,18,19,
20
VCC
Positive Supply Voltage. All VCC Pins must be Externally
Connected to Power Supply to Guarantee Proper Operation.
11
15,24
VEE
Negative Supply Voltage. All VEE Pins must be Externally
Connected to Power Supply to Guarantee Proper Operation.
3,8
6,12
VBB0,
VBB1
ECL Reference Voltage Output
1
4
D0a
ECL Input
Low
Noninverted Differential Data a Input to MUX 0. Internal 75 kW to
VEE.
2
5
D0a
ECL Input
High
Inverted Differential Data a Input to MUX 0. Internal 75 kW to VEE
and 37 kW to VCC.
4
7
D0b
ECL Input
Low
Noninverted Differential Data b Input to MUX 0. Internal 75 kW to
VEE.
5
8
D0b
ECL Input
High
Inverted Differential Data b Input to MUX 0. Internal 75 kW to VEE
and 37 kW to VCC.
6
10
D1a
ECL Input
Low
Noninverted Differential Data a Input to MUX 1. Internal 75 kW to
VEE.
7
11
D1a
ECL Input
High
Inverted Differential Data a Input to MUX 1. Internal 75 kW to VEE
and 37 kW to VCC.
9
13
D1b
ECL Input
Low
Noninverted Differential Data b Input to MUX 1. Internal 75 kW to
VEE.
10
14
D1b
ECL Input
High
Inverted Differential Data b Input to MUX 1. Internal 75 kW to VEE
and 37 kW to VCC.
19
2
Q0
ECL Output
Noninverted Differential Output MUX 0. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
18
1
Q0
ECL Output
Inverted Differential Output MUX 0. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
13
17
Q1
ECL Output
Noninverted Differential Output MUX 1. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
12
16
Q1
ECL Output
Inverted Differential Output MUX 1. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
17
23
SEL0
ECL, CMOS
Input
Low
Noninverted Differential Select Input to MUX 0. Internal 75 W to
VEE.
16
22
COM_SEL
ECL, CMOS
Input
Low
Noninverted Differential Common Select Input to Both MUX.
Internal 75 W to VEE.
15
21
SEL1
ECL, CMOS
Input
Low
Noninverted Differential Select Input to MUX 1. Internal 75 W to
VEE.
N/A
EP
Exposed Pad. (Note 1)
1. The thermally conductive exposed pad on the package bottom (see case drawing) must be attached to a heat sinking conduit.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100EL56_065V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL58_063.3V ECL 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL59_063.3V ECL Triple 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC10EP29_063.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 1 2 3 4 5 MoreON Semiconductor
MC100LVEP210_062.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
MC100LVE210_063.3V ECL Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP11_062.5V / 3.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
MC10LVEP16_062.5V / 3.3V ECL Differential Receiver/Driver 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl