Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB100LVEP56
Description  2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56 Datasheet(HTML) 1 Page - ON Semiconductor

  NB100LVEP56_06 Datasheet HTML 1Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 2Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 3Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 4Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 5Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 6Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 7Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 8Page - ON Semiconductor NB100LVEP56_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 9
1
Publication Order Number:
NB100LVEP56/D
NB100LVEP56
2.5V / 3.3V ECL DUAL
Differential 2:1 Multiplexer
Description
The NB100LVEP56 is a dual, fully differential 2:1 multiplexer. The
differential data path makes the device ideal for multiplexing low
skew clock or differential data signals. The device features both
individual and common select inputs to address both data path and
random logic applications. Common and individual selects can accept
both LVECL and LVCMOS input voltage levels. Multiple VBB pins
are provided.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input operation, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
Maximum Input Clock Frequency > 2.5 GHz Typical
Maximum Input Data Rate > 2.5 Gb/s Typical
525 ps Typical Propagation Delays
Low Profile QFN Package
PECL Mode Operating Range:
VCC = 2.375 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −2.375 V to −3.8 V
Separate, Common Select, and Individual Select
(Compatible with ECL and CMOS Input Voltage Levels)
Q Output Will Default LOW with Inputs Open or at VEE
Multiple VBB Outputs
Pb−Free Packages are Available
MARKING
DIAGRAMS*
*For additional marking information, refer to
Application Note AND8002/D.
TSSOP−20
DT SUFFIX
CASE 948E
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
N100
VP56
ALYWG
G
1
24
24 PIN QFN
MN SUFFIX
CASE 485L
24
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)
N100
VP56
ALYWG
G


Similar Part No. - NB100LVEP56_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56DT ONSEMI-NB100LVEP56DT Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56DTG ONSEMI-NB100LVEP56DTG Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56DTR2 ONSEMI-NB100LVEP56DTR2 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
NB100LVEP56DTR2G ONSEMI-NB100LVEP56DTR2G Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56MN ONSEMI-NB100LVEP56MN Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
More results

Similar Description - NB100LVEP56_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com