Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17DTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB100LVEP17DTG
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17DTG Datasheet(HTML) 1 Page - ON Semiconductor

  NB100LVEP17DTG Datasheet HTML 1Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 2Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 3Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 4Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 5Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 6Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 7Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 8Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 7
1
Publication Order Number:
NB100LVEP17/D
NB100LVEP17
2.5V / 3.3V Quad Differential
Driver/Receiver
Description
The NB100LVEP17 is a 4-bit differential line receiver. The design
incorporates two stages of gain, internal to the device, making it an
excellent choice for use in high bandwidth amplifier applications.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Inputs of unused gates can be left open and will not affect the
operation of the rest of the device.
Features
Maximum Input Clock Frequency > 2.5 GHz Typical
Maximum Input Data Rate > 2.5 Gb/s Typical
250 ps Typical Propagation Delay
Low Profile QFN Package
PECL Mode Operating Range: VCC = 2.375 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −2.375 V to −3.8 V
Q Output Will Default LOW with Inputs Open or at VEE
VBB Output
Pb−Free Packages are Available
MARKING
DIAGRAMS*
*For additional marking information, refer to
Application Note AND8002/D.
TSSOP−20
DT SUFFIX
CASE 948E
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
N100
VP17
ALYWG
G
1
24
24 PIN QFN
MN SUFFIX
CASE 485L
24
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)
N100
VP17
ALYWG
G


Similar Part No. - NB100LVEP17DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17DTG ONSEMI-NB100LVEP17DTG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com