Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB100LVEP17DTG
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17DTG Datasheet(HTML) 5 Page - ON Semiconductor

  NB100LVEP17DTG Datasheet HTML 1Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 2Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 3Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 4Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 5Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 6Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 7Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 8Page - ON Semiconductor NB100LVEP17DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB100LVEP17
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, PECL VCC = 3.3 V; VEE = 0 V (Note 6)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
30
40
50
30
40
50
30
40
55
mA
VOH
Output HIGH Voltage (Note 7)
2155 2280 2405 2155 2280 2405 2155 2280 2405
mV
VOL
Output LOW Voltage (Note 7)
1355 1575 1700 1355 1575 1700 1355 1575 1700
mV
VIH
Input HIGH Voltage (Single−Ended)
2135
2420 2135
2420 2135
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675 1355
1675 1355
1675
mV
VBB
ECL Output Reference Voltage (Note 8)
1775 1875 1975 1775 1875 1975 1775 1875 1975
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 9)
1.2
3.3
1.2
3.3
1.2
3.3
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Input and output parameters vary 1:1 with VCC. VEE can vary + 0.5 V to −0.3 V.
7. All loading with 50 W to VCC − 2.0 V.
8. Single ended input operation is limited VCC ≥ 3.0 V in PECL mode.
9. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 6. DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −2.375 V to −3.8 V (Note 10)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
30
40
50
30
40
50
30
40
55
mA
VOH
Output HIGH Voltage (Note 11)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 11)
−1945 −1725 −1600 −1945 −1725 −1600 −1945 −1725 −1600
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1600 −1945
−1600 −1945
−1600
mV
VBB
ECL Output Reference Voltage
(Note 12)
−1525 −1425 −1325 −1525 −1425 −1325 −1525 −1425 −1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13)
VEE + 1.2
0.0
VEE + 1.2
0.0
VEE + 1.2
0.0
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Input and output parameters vary 1:1 with VCC.
11. All loading with 50 W to VCC − 2.0 V.
12.Single ended input operation is limited VEE ≤ −3.0V in NECL mode.
13.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP17DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17DTG ONSEMI-NB100LVEP17DTG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com