Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17DT Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100LVEP17DT
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17DT Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP17DT Datasheet HTML 1Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 2Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 3Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 4Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 5Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 6Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 7Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 8Page - ON Semiconductor NB100LVEP17DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB100LVEP17
http://onsemi.com
3
D1
D1
D2 D3
17
18
16
15
14
13
12
4
3
56
78
9
Q0
11
10
Q1 Q1 Q2 Q2 Q3 Q3 VEE
D0
19
20
2
1
VCC Q0
D0
D2
VCC
D3 VBB
Figure 2. TSSOP−20 Lead Pinout (Top View)
D1
D1
D2
D3
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VEE
D0
VCC Q0
D0
D2
VCC
D3 VBB
VCC
VCC
VCC
NC
Figure 3. QFN−24 Lead Pinout (Top View)
NB100LVEP17
NB100LVEP17
18
12
4
3
5
6
78
9
11
10
2
1
17
16
15
14
13
19
24
23
22
20
21
Exposed Pad
(EP)
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
Internal Input Pullup Resistor
(R2)
37 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
TSSOP−20
QFN−24
Level 1
Level 1
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
274 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - NB100LVEP17DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17DTG ONSEMI-NB100LVEP17DTG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17DTR2G ONSEMI-NB100LVEP17DTR2G Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com