Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP17 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB100LVEP17
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB100LVEP17 Datasheet HTML 2Page - ON Semiconductor NB100LVEP17 Datasheet HTML 3Page - ON Semiconductor NB100LVEP17 Datasheet HTML 4Page - ON Semiconductor NB100LVEP17 Datasheet HTML 5Page - ON Semiconductor NB100LVEP17 Datasheet HTML 6Page - ON Semiconductor NB100LVEP17 Datasheet HTML 7Page - ON Semiconductor NB100LVEP17 Datasheet HTML 8Page - ON Semiconductor NB100LVEP17 Datasheet HTML 9Page - ON Semiconductor NB100LVEP17 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB100LVEP17
http://onsemi.com
6
Table 7. AC CHARACTERISTICS VCC = 0 V; VEE = −2.375 V to −3.8 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP Output Voltage Amplitude
fin < 1 GHz
(See Figures 4, 5)
fin = 2 GHz
fin = 2.5 GHz
600
400
300
700
500
400
600
325
250
700
500
400
550
300
200
700
500
400
mV
tPLH,
tPHL
Propagation Delay to Output Differential
D to Q, Q
200
250
325
200
250
325
225
300
350
ps
tSkew
Pulse Skew (Note 15)
Within Device Skew (Note 17)
Device−to−Device Skew (Note 17)
5
5
25
25
25
100
5
5
25
25
25
100
5
5
25
25
25
100
ps
tJITTER
RMS Random Clock Jitter (Note 18)
fin = 2.5 GHz
Peak−to Peak Data Dependent Jitter
fin = 1.5 Gb/s
(Note 19)
fin = 2.5 Gb/s
0.5
5
5
1
15
15
0.5
5
5
1
15
15
0.5
5
5
1
15
15
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 20)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times @ 50 MHz
Q, Q
(20% − 80%)
125
175
225
140
190
240
150
200
250
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. Input edge rates 150 ps (20% − 80%).
15.Pulse Skew = |tPLH − tPHL|
16.Worst case difference between Q0 and Q1 outputs.
17.Skew is measured between outputs under identical transitions.
18.Additive RMS jitter with 50% Duty Cycle Clock Signal at 2.5 GHz.
19.Peak−to−Peak jitter with input NRZ data at PRBS 231−1 at 2.5 Gb/s with all inputs active.
20.Input voltage swing is a single−ended measurement operating in differential mode, with minimum propagation change of 50 ps.


Similar Part No. - NB100LVEP17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17DTG ONSEMI-NB100LVEP17DTG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17DTR2G ONSEMI-NB100LVEP17DTR2G Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17MNG ONSEMI-NB100LVEP17MNG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17MNR2G ONSEMI-NB100LVEP17MNR2G Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com