Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7L14MMNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7L14MMNG
Description  2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L14MMNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB7L14MMNG Datasheet HTML 1Page - ON Semiconductor NB7L14MMNG Datasheet HTML 2Page - ON Semiconductor NB7L14MMNG Datasheet HTML 3Page - ON Semiconductor NB7L14MMNG Datasheet HTML 4Page - ON Semiconductor NB7L14MMNG Datasheet HTML 5Page - ON Semiconductor NB7L14MMNG Datasheet HTML 6Page - ON Semiconductor NB7L14MMNG Datasheet HTML 7Page - ON Semiconductor NB7L14MMNG Datasheet HTML 8Page - ON Semiconductor NB7L14MMNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 1
1
Publication Order Number:
NB7L14M/D
NB7L14M
2.5V/3.3VDifferential 1:4
Clock/Data Fanout Buffer/
Translator with CML
Outputs and Internal
Termination
Description
The NB7L14M is a differential 1−to−4 clock/data distribution chip
with internal source terminated CML output structures, optimized for
minimal skew and jitter. Device produces four identical output copies
of clock or data operating up to 8 GHz or 12 Gb/s, respectively. As
such, NB7L14M is ideal for SONET, GigE, Fiber Channel, Backplane
and other clock/data distribution applications.
Inputs incorporate internal 50
W termination resistors and accept
LVPECL, CML, LVCMOS, LVTTL, or LVDS (See Table 6).
Differential 16 mA CML outputs provide matching internal 50
W
terminations, and 400 mV output swings when externally terminated
with 50
W to VCC (See Figure 14).
The device is offered in a low profile 3x3 mm 16−pin QFN package.
Application notes, models, and support documentation are available at
www.onsemi.com.
Features
Maximum Input Clock Frequency up to 8 GHz Typical
Maximum Input Data Rate up to 12 Gb/s Typical
< 0.5 ps of RMS Clock Jitter
< 10 ps of Data Dependent Jitter
30 ps Typical Rise and Fall Times
110 ps Typical Propagation Delay
6 ps Typical Within Device Skew
Operating Range: VCC = 2.375 V to 3.465 V with VEE = 0 V
CML Output Level (400 mV Peak−to−Peak Output) Differential
Output Only
50 W Internal Input and Output Termination Resistors
Functionally Compatible with Existing 2.5 V/3.3 V LVEL, LVEP, EP
and SG Devices
Pb−Free Packages are Available
Figure 1. Logic Diagram
50 W
50 W
VTCLK
CLK
CLK
VTCLK
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
QFN−16
MN SUFFIX
CASE 485G
16
NB7L
14M
ALYWG
G
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NB7L14MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L14MN1G ONSEMI-NB7L14MN1G Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TWG ONSEMI-NB7L14MN1TWG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TXG ONSEMI-NB7L14MN1TXG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
149Kb / 9P
   2.5V / 3.3V 7GHz/10Gbps Differential 1:4 LVPECL Fanout Buffer
February, 2009 ??Rev. 2
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com