Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF2114MN Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUF2114MN
Description  2 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2114MN Datasheet(HTML) 3 Page - ON Semiconductor

  NUF2114MN_07 Datasheet HTML 1Page - ON Semiconductor NUF2114MN_07 Datasheet HTML 2Page - ON Semiconductor NUF2114MN_07 Datasheet HTML 3Page - ON Semiconductor NUF2114MN_07 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF2114MN
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
(TA = 25°C unless otherwise specified)
Figure 1. Insertion Loss Characteristics
FREQUENCY (Hz)
0
−10
−20
−30
−40
−45
1.0E+6
10E+6
100E+6
10E+9
1.0E+9
Figure 2. Analog Cross−Talk
−5
−15
−25
−35
FREQUENCY (Hz)
0
−20
−40
−60
−80
1.0E+6
10E+6
100E+6
10E+9
1.0E+9
−10
−30
−50
−70
Figure 3. Typical Resistance over Temperature
TEMPERATURE (°C)
8.7
8.4
8.3
8.2
8.1
−40
−15
10
60
35
Figure 4. Typical Line Capacitance vs. Reverse
Bias Voltage
8.6
8.5
REVERSE VOLTAGE (VOLTS)
110
90
60
40
−12
−8
−412
8
100
80
70
50
85
04
130
120


Similar Part No. - NUF2114MN_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2114MNT1G ONSEMI-NUF2114MNT1G Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2114MNT1G ONSEMI-NUF2114MNT1G Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
More results

Similar Description - NUF2114MN_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2114MN ONSEMI-NUF2114MN Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2070MN ONSEMI-NUF2070MN Datasheet
50Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN Datasheet
82Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN_07 Datasheet
127Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 1
NUF2114 ONSEMI-NUF2114 Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
NUF2230XV6 ONSEMI-NUF2230XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.3
logo
Vishay Siliconix
GTF701-HS3 VISHAY-GTF701-HS3 Datasheet
70Kb / 5P
   2-Line EMI-Filter with ESD -Protection
Rev. 1.3, 05-Jul-04
logo
ON Semiconductor
NUF2240W1 ONSEMI-NUF2240W1 Datasheet
55Kb / 4P
   2 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
NUF2220XV6 ONSEMI-NUF2220XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.2
NUF2450 ONSEMI-NUF2450 Datasheet
107Kb / 3P
   2 Line EMI Filter with ESD Protection
October, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com