Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3048 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUD3048
Description  FET Switch 100 V, 800 mohm N-Channel, TSOP-6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3048 Datasheet(HTML) 1 Page - ON Semiconductor

  NUD3048_07 Datasheet HTML 1Page - ON Semiconductor NUD3048_07 Datasheet HTML 2Page - ON Semiconductor NUD3048_07 Datasheet HTML 3Page - ON Semiconductor NUD3048_07 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 5
1
Publication Order Number:
NUD3048/D
NUD3048
FET Switch
100 V, 800 m
W, N−Channel, TSOP−6
The NUD3048 provides a single device solution for a number of
applications requiring a low power, high voltage, FET switch. The
package includes a gate resistor and gate to source zener clamp. This
switch can accommodate a wide range of input voltages, making it
compatible with most current logic levels. Its 100 V rating makes it
compatible with 48 V telecom applications.
Features
100 V Rating On Gate 2
Integrated 100 k Rg Option
Integrated ESD Diode Protection
Low Threshold Voltage
Pb−Free Package is Available
Typical Applications
FET Switch
Inverter
Level Shifter
Inrush Limiter
Relay Driver
Figure 1. Block Diagram
Gate 2
6
100 k
W
13
Gate 1
Source
Drain
2, 4, 5
TSOP−6
CASE 318G
STYLE 9
http://onsemi.com
MARKING
DIAGRAM
1
6
JW7 M
G
G
JW7 = Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
TSOP−6
3000 / Tape & Reel
NUD3048MT1
1
6
TSOP−6
(Pb−Free)
3000 / Tape & Reel
NUD3048MT1G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NUD3048_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NUD3048MT1G ONSEMI-NUD3048MT1G Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
More results

Similar Description - NUD3048_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048 ONSEMI-NUD3048 Datasheet
48Kb / 4P
   FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
logo
STMicroelectronics
STT4NF30L STMICROELECTRONICS-STT4NF30L Datasheet
37Kb / 5P
   N - CHANNEL 30V - 0.055ohm - 4A - TSOP-6 STripFET MOSFET
logo
Nexperia B.V. All right...
PSMN9R8-100YSF NEXPERIA-PSMN9R8-100YSF Datasheet
330Kb / 14P
   NextPower 100 V, 10.2 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN7R2-100YSF NEXPERIA-PSMN7R2-100YSF Datasheet
332Kb / 14P
   NextPower 100 V, 6.9 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN8R9-100BSE NEXPERIA-PSMN8R9-100BSE Datasheet
319Kb / 12P
   N-channel 100 V, 10 mOhm, standard level MOSFET in D2PAK
28 October 2020
PSMN5R5-100YSF NEXPERIA-PSMN5R5-100YSF Datasheet
324Kb / 14P
   NextPower 100 V, 5.6 mOhm N-channel MOSFET in LFPAK56 package
11 October 2022
PSMN015-100YSF NEXPERIA-PSMN015-100YSF Datasheet
332Kb / 14P
   NextPower 100 V, 15.5 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
   NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com