Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMSD3P102R2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTMSD3P102R2
Description  P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual Dual SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMSD3P102R2 Datasheet(HTML) 6 Page - ON Semiconductor

  NTMSD3P102R2 Datasheet HTML 1Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 2Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 3Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 4Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 5Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 6Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 7Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 8Page - ON Semiconductor NTMSD3P102R2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NTMSD3P102R2
http://onsemi.com
6
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 13. Diode Reverse Recovery Waveform
Figure 14. FET Thermal Response
1.0
0.1
0.01
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
D = 0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
0.0014 F 0.0073 F 0.022 F
0.105 F
0.484 F
Ambient
Chip
Junction 2.32 W
18.5 W
50.9 W
37.1 W
56.8 W
Normalized to RqJA at Steady State (1″ pad)
3.68 F
24.4 W
t, TIME (s)
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
TJ = 125°C
0.7
1.0
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS
FORWARD VOLTAGE (VOLTS)
1.4
0
1.0
0.1
0.1
0.4
0.2
0.3
0.5
0.6
0.8
0.9
0.2
0.4
0.6
0.8
10
1.0
1.2
85°C
25°C
−40°
C
TJ = 125°C
25°C
85°C
Figure 15. Typical Forward Voltage
Figure 16. Maximum Forward Voltage


Similar Part No. - NTMSD3P102R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
More results

Similar Description - NTMSD3P102R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P303R2 ONSEMI-NTMSD3P303R2_06 Datasheet
202Kb / 9P
   P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package
March, 2006 ??Rev. 2
NTMSD3P303R2 ONSEMI-NTMSD3P303R2 Datasheet
128Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com