Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTMSD2P102LR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTMSD2P102LR2
Description  NTMSD2P102LR2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMSD2P102LR2 Datasheet(HTML) 7 Page - ON Semiconductor

  NTMSD2P102LR2_06 Datasheet HTML 1Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 2Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 3Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 4Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 5Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 6Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 7Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 8Page - ON Semiconductor NTMSD2P102LR2_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NTMSD2P102LR2
http://onsemi.com
7
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
Figure 16. Typical Reverse Current
Figure 17. Maximum Reverse Current
Figure 18. Typical Capacitance
Figure 19. Current Derating
Figure 20. Forward Power Dissipation
15
20
0
VR, REVERSE VOLTAGE (VOLTS)
1E−2
1E−4
1E−3
1E−5
15
20
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
TA, AMBIENT TEMPERATURE (°C)
20
0
1.6
0.8
0.6
0.4
0.2
0
40
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.5
0.4
0.3
0.2
0.1
0
0.5
1E−6
1E−7
5.0
10
5.0
10
60
80
100
120
140
160
1.0
1.5
2.0
0.6
0.7
15
20
0
VR, REVERSE VOLTAGE (VOLTS)
1E−1
1E−3
1E−2
1E−4
1E−5
1E−6
5.0
10
1.0
1.2
1.4
SQUARE
WAVE
dc
Ipk/Io = 5.0
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
TYPICAL CAPACITANCE AT 0 V = 170 pF
TJ = 125°C
25
°C
TJ = 125°C
25
°C
85
°C
FREQ = 20 kHz
dc
SQUARE WAVE
Ipk/Io = 5.0
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20


Similar Part No. - NTMSD2P102LR2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P102 ONSEMI-NTMSD3P102 Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
178Kb / 9P
   P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual Dual SO-8 Package
March, 2006 ??Rev. 2
NTMSD3P102R2G ONSEMI-NTMSD3P102R2G Datasheet
178Kb / 9P
   P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual Dual SO-8 Package
March, 2006 ??Rev. 2
NTMSD3P102R2SG ONSEMI-NTMSD3P102R2SG Datasheet
178Kb / 9P
   P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual Dual SO-8 Package
March, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com