Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLTD7900ZR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTLTD7900ZR2
Description  Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTD7900ZR2 Datasheet(HTML) 7 Page - ON Semiconductor

  NTLTD7900ZR2_06 Datasheet HTML 1Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 2Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 3Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 4Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 5Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 6Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 7Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTLTD7900ZR2
http://onsemi.com
7
PACKAGE DIMENSIONS
Micro8 LEADLESS
CASE 846C−01
ISSUE C
A
B
0.15 T
0.15 T
2X
2X
INDEX AREA
8
7
6
5
1
2
3
4
TOP VIEW
P
F
E
L 8X
U 4X
H
DETAIL Z
G 6X
L
8X
D
W
0.05 T
NOTE 4
L1
DETAIL Z
J
T
K
0.10 T
0.08 T
8X
C
AA
AA
SEATING
PLANE
SIDE VIEW
VIEW AA−AA
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL
NUMBERING CONVENTION SHALL CONFORM TO
JESD 95−1 SPP−012. DETAILS OF TERMINAL #1
IDENTIFIER ARE OPTIONAL, BUT MUST BE
LOCATED WITHIN THE ZONE INDICATED. THE
TERMINAL #1 IDENTIFIER MAY BE EITHER A
MOLD OR MARKED FEATURE.
4. DIMENSION D APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN
0.25 MM AND 0.30 MM FROM TERMINAL TIP.
DIMENSION L1 IS THE TERMINAL PULL BACK
FROM PACKAGE EDGE, UP TO 0.1 MM IS
ACCEPTABLE. L1 IS OPTIONAL.
5. DEPOPULATION IS POSSIBLE IN A
SYMMETRICAL FASHION.
6. OPTIONAL SIDE VIEW CAN SHOW LEADS 5 AND
8 REMOVED.
W
Y
DIM
MIN
MAX
MILLIMETERS
A
3.30 BSC
B
3.30 BSC
C
0.85
0.95
D
0.25
0.35
E
1.30
1.50
F
2.55
2.75
G
0.65 BSC
H
0.95
1.15
J
0.25 BSC
K
0.00
0.05
L
0.35
0.45
L1
0.00
0.10
P
1.28
1.38
U
W
0.10
Y
T
NOTE 4
8
7
6
5
NOTE 6
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.75
1.50
0.33
8X
3.60
1.23
0.65 PITCH
0.58
8X
0.40
DIMENSIONS: MILLIMETERS
0.17 TYP


Similar Part No. - NTLTD7900ZR2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2G ONSEMI-NTLTD7900ZR2G Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
More results

Similar Description - NTLTD7900ZR2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTS3107P ONSEMI-NTLTS3107P_05 Datasheet
138Kb / 5P
   Power MOSFET -20 V, -8.3 A, Single P-Channel,Micro8 Leadless Package
October, 2005 ??Rev. 0
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
logo
ON Semiconductor
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
logo
NXP Semiconductors
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PH2625L PHILIPS-PH2625L Datasheet
100Kb / 13P
   N-channel TrenchMOS-TM logic level FET
Rev. 02-24 February 2005
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
NXP Semiconductors
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
   N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
PSMN9R0-30LL NEXPERIA-PSMN9R0-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 9 mΩ logic level MOSFET
Rev. 5 - 13 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com