Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLJS3113PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS3113PT1G
Description  Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3113PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS3113PT1G Datasheet HTML 1Page - ON Semiconductor NTLJS3113PT1G Datasheet HTML 2Page - ON Semiconductor NTLJS3113PT1G Datasheet HTML 3Page - ON Semiconductor NTLJS3113PT1G Datasheet HTML 4Page - ON Semiconductor NTLJS3113PT1G Datasheet HTML 5Page - ON Semiconductor NTLJS3113PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS3113P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
1
0.05
3
2
0.03
0.01
0.08
47
1.3
1.5
1.1
0.9
0.7
10000
06
2
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
1.0
2.0
1.5
0.02
3.0
Figure 3. On−Resistance versus Drain Current
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
7
−50
50
25
0
−25
75
125
100
1
212
10
4
3
1
2
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = −1.8 V
VGS = 0 V
ID = −6 A
VGS = −4.5 V
3
0.04
TJ = 100°C
TJ = 150°C
2
0
9
1.5
TJ = 25°C
20
VGS = −1.7 V to −8 V
−1.5 V
3
1000
4
4
0
4
0.03
0.02
TJ = 25°C
150
10
100000
2.5
−1.4 V
−1.3 V
−1.2 V
TJ = 25°C
VGS = −4.5 V
TJ = −55°C
TJ = 100°C
0.04
VGS = −4.5 V
VGS = −2.5 V
6
8
14
16
18
2
0.5
2.5
5
5
6
5
6
−1.6 V
−1.1 V
8
1
3
5
7
0.07
0.06
6
100


Similar Part No. - NTLJS3113PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS3113PT1G ONSEMI-NTLJS3113PT1G Datasheet
166Kb / 6P
   Power MOSFET
May, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTLJS3113PT1G VBSEMI-NTLJS3113PT1G Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTLJS3113PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
   Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
   POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
   Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
   Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com