Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS4101P Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTHS4101P
Description  Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS4101P Datasheet(HTML) 6 Page - ON Semiconductor

  NTHS4101P Datasheet HTML 1Page - ON Semiconductor NTHS4101P Datasheet HTML 2Page - ON Semiconductor NTHS4101P Datasheet HTML 3Page - ON Semiconductor NTHS4101P Datasheet HTML 4Page - ON Semiconductor NTHS4101P Datasheet HTML 5Page - ON Semiconductor NTHS4101P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTHS4101P
http://onsemi.com
6
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTHS4101P/D
ChipFET is a trademark of Vishay Siliconix.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTHS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101P ONSEMI-NTHS4101P Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
More results

Similar Description - NTHS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHS4111P ONSEMI-NTHS4111P_06 Datasheet
193Kb / 6P
   Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
   Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
NTHD3100C ONSEMI-NTHD3100C Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com