Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD4401P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTHD4401P
Description  Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4401P Datasheet(HTML) 4 Page - ON Semiconductor

  NTHD4401P Datasheet HTML 1Page - ON Semiconductor NTHD4401P Datasheet HTML 2Page - ON Semiconductor NTHD4401P Datasheet HTML 3Page - ON Semiconductor NTHD4401P Datasheet HTML 4Page - ON Semiconductor NTHD4401P Datasheet HTML 5Page - ON Semiconductor NTHD4401P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTHD4401P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
VDS = 0 V
VGS = 0 V
−VGS
5
10
10
600
300
200
100
0
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
02
6
1
4
1
0
Qg, TOTAL GATE CHARGE (nC)
TJ = 25°C
Coss
Ciss
Crss
ID = −2.1 A
TJ = 25°C
QT
500
3
2.5
2
3
12
10
8
2
0
Q2
Q1
10
1
10
1
100
RG, GATE RESISTANCE (OHMS)
VDD = −16 V
ID = −2.1 A
VGS = −4.5 V
100
50
400
5
4
6
td(off)
td(on)
tf
tr
−VGS −VDS
−VDS
15
1.5
0.5
3.5
0.9
0.5
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
2.5
0.7
0.5
0.3
1
1.5
2
24
8
10
20
16
Figure 7. Drain−to−Source Leakage Current
vs. Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
12
VGS = 0 V
TJ = 150°C
TJ = 100°C
100
1000
10000
610
18
14
Figure 8. Capacitance Variation
Figure 9. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 10. Resistive Switching Time Variation
vs. Gate Resistance
Figure 11. Diode Forward Voltage vs. Current


Similar Part No. - NTHD4401P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4401PT1 ONSEMI-NTHD4401PT1 Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4401PT1G ONSEMI-NTHD4401PT1G Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results

Similar Description - NTHD4401P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com