Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD4102P Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTHD4102P
Description  Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4102P Datasheet(HTML) 6 Page - ON Semiconductor

  NTHD4102P Datasheet HTML 1Page - ON Semiconductor NTHD4102P Datasheet HTML 2Page - ON Semiconductor NTHD4102P Datasheet HTML 3Page - ON Semiconductor NTHD4102P Datasheet HTML 4Page - ON Semiconductor NTHD4102P Datasheet HTML 5Page - ON Semiconductor NTHD4102P Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTHD4102P
http://onsemi.com
6
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTHD4102P/D
ChipFET is a trademark of Vishay Siliconix.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTHD4102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHD4102PT1 ONSEMI-NTHD4102PT1 Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHD4102PT1 ONSEMI-NTHD4102PT1 Datasheet
105Kb / 5P
   Power MOSFET
September, 2011 ??Rev. 6
NTHD4102PT1G ONSEMI-NTHD4102PT1G Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHD4102PT1G ONSEMI-NTHD4102PT1G Datasheet
105Kb / 5P
   Power MOSFET
September, 2011 ??Rev. 6
More results

Similar Description - NTHD4102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
logo
NXP Semiconductors
PMN48XP PHILIPS-PMN48XP_15 Datasheet
528Kb / 15P
   20 V, 4.1 A P-channel Trench MOSFET
Rev. 1-21 April 2011
logo
Nexperia B.V. All right...
PMN48XP NEXPERIA-PMN48XP Datasheet
1Mb / 15P
   20 V, 4.1 A P-channel Trench MOSFET
logo
ON Semiconductor
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com