Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3455T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGS3455T1
Description  MOSFET -3.5 Amps, -30 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3455T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NTGS3455T1 Datasheet HTML 1Page - ON Semiconductor NTGS3455T1 Datasheet HTML 2Page - ON Semiconductor NTGS3455T1 Datasheet HTML 3Page - ON Semiconductor NTGS3455T1 Datasheet HTML 4Page - ON Semiconductor NTGS3455T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTGS3455T1
http://onsemi.com
3
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Capacitance Variation
10
0
16
6
20
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
04
6
3
25
1
TJ = 25°C
TJ = 125°C
TJ = −55°C
2
0.3
0.25
0.2
0.15
0.1
0.05
0
34
6
10
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
ID = −3.5 A
TJ = 25°C
0.15
−ID, DRAIN CURRENT (AMPS)
08
10
6
412
214
0.05
0.2
0
0.1
0.25
0.3
20
TJ = 25°C
VGS = −4.5 V
VGS = −10 V
1.6
1.4
1.2
1
TJ, JUNCTION TEMPERATURE (°C)
−50
50
25
0
−25
75
125
100
ID = −3.5 A
VGS = −10 V
0.8
0.6
150
−100
100
500
700
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
020
30
15
10
5
18
14
12
8
4
2
7
16
18
25
300
5
789
VGS = 0 V
TJ = 25°C
Coss
Crss
Ciss
0
8
3
16
4
2
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
0.5
20
VGS = −5 V
VGS = −3 V
VGS = −6 V
VGS = −8 V
VGS = −7 V
VGS = −10 V
VGS = −9 V
TJ = 25°C
VGS = −4 V
12
4
1.5
2.5
3.5


Similar Part No. - NTGS3455T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
NTGS3455T1G ONSEMI-NTGS3455T1G Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS3455T1G VBSEMI-NTGS3455T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3455T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com