Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3433T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3433T1
Description  MOSFET -3.3 Amps, -12 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3433T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3433T1 Datasheet HTML 1Page - ON Semiconductor NTGS3433T1 Datasheet HTML 2Page - ON Semiconductor NTGS3433T1 Datasheet HTML 3Page - ON Semiconductor NTGS3433T1 Datasheet HTML 4Page - ON Semiconductor NTGS3433T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGS3433T1
http://onsemi.com
4
1E−04
1E+00
0.1
1E+01
1E−01
1E−02
SQUARE WAVE PULSE DURATION (sec)
0.1
1
1E−03
Duty Cycle = 0.5
1E+02
1E+03
0.2
Single Pulse
0.1
0.05
0.02
0.01
6
4
3
2
1
0
Qg, TOTAL GATE CHARGE (nC)
04
26
10
TJ = 25°C
ID = −3.3 A
QT
Qgs
Qgd
5
8
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
0
10
8
0.8
6
3
1
0.6
0.4
1.2
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
2
1
0
0.2
TJ = 150°C
Figure 9. Normalized Thermal Transient Impedance, Junction−to−Ambient
0.01
20
16
12
8
100.00
10.00
1.00
TIME (sec)
4
0
0.10
Figure 10. Single Pulse Power
4
5
7
9
TJ = 25°C
VGS = 0 V


Similar Part No. - NTGS3433T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3433T1 ONSEMI-NTGS3433T1 Datasheet
60Kb / 6P
   MOSFET -3.3 Amps, -12 Volts
April, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS3433T1G VBSEMI-NTGS3433T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3433T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3433T1 ONSEMI-NTGS3433T1 Datasheet
60Kb / 6P
   MOSFET -3.3 Amps, -12 Volts
April, 2004 ??Rev. 1
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
   Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NVMFS5C645NL ONSEMI-NVMFS5C645NL Datasheet
85Kb / 6P
   Power MOSFET 2 Amps, 12 Volts
October, 2015 ??Rev. 0
NTD12N10-1G ONSEMI-NTD12N10-1G Datasheet
148Kb / 8P
   Power MOSFET 12 Amps, 100 Volts
May, 2010 ??Rev. 8
logo
First Silicon Co., Ltd
FTK12N65P FS-FTK12N65P Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK12N65PD FS-FTK12N65PD Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65F-F FS-FTK12N65F-F Datasheet
482Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com