Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3433T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTGS3433T1
Description  MOSFET -3.3 Amps, -12 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3433T1 Datasheet(HTML) 5 Page - ON Semiconductor

  NTGS3433T1_06 Datasheet HTML 1Page - ON Semiconductor NTGS3433T1_06 Datasheet HTML 2Page - ON Semiconductor NTGS3433T1_06 Datasheet HTML 3Page - ON Semiconductor NTGS3433T1_06 Datasheet HTML 4Page - ON Semiconductor NTGS3433T1_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTGS3433T1
http://onsemi.com
5
PACKAGE DIMENSIONS
TSOP−6
CASE 318G−02
ISSUE P
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. SOURCE
5. DRAIN
6. DRAIN
23
4
5
6
D
1
e
b
E
A1
A
0.05 (0.002)
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
c
L
0.95
0.037
1.9
0.075
0.95
0.037
mm
inches
SCALE 10:1
1.0
0.039
2.4
0.094
0.7
0.028
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
1.00
1.10
0.035
INCHES
A1
0.01
0.06
0.10
0.001
b
0.25
0.38
0.50
0.010
c
0.10
0.18
0.26
0.004
D
2.90
3.00
3.10
0.114
E
1.30
1.50
1.70
0.051
e
0.85
0.95
1.05
0.034
L
0.20
0.40
0.60
0.008
0.039
0.043
0.002
0.004
0.014
0.020
0.007
0.010
0.118
0.122
0.059
0.067
0.037
0.041
0.016
0.024
NOM
MAX
2.50
2.75
3.00
0.099
0.108
0.118
HE
0
°
10°
0
°
10°
q
q
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTGS3433T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTGS3433T1_06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGS3433T1G VBSEMI-NTGS3433T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3433T1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3433T1 ONSEMI-NTGS3433T1 Datasheet
60Kb / 6P
   MOSFET -3.3 Amps, -12 Volts
April, 2004 ??Rev. 1
MTD3055VL ONSEMI-MTD3055VL Datasheet
86Kb / 12P
   Power MOSFET 12 Amps, 60 Volts
November, 2000 ??Rev. 3
NVMFS5C645NL ONSEMI-NVMFS5C645NL Datasheet
85Kb / 6P
   Power MOSFET 2 Amps, 12 Volts
October, 2015 ??Rev. 0
NTD12N10-1G ONSEMI-NTD12N10-1G Datasheet
148Kb / 8P
   Power MOSFET 12 Amps, 100 Volts
May, 2010 ??Rev. 8
logo
First Silicon Co., Ltd
FTK12N65P FS-FTK12N65P Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
   12 Amps, 700 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK12N65PD FS-FTK12N65PD Datasheet
427Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
FTK12N65F-F FS-FTK12N65F-F Datasheet
482Kb / 7P
   12 Amps, 650 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com