Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGD4161P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGD4161P
Description  Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD4161P Datasheet(HTML) 4 Page - ON Semiconductor

  NTGD4161P Datasheet HTML 1Page - ON Semiconductor NTGD4161P Datasheet HTML 2Page - ON Semiconductor NTGD4161P Datasheet HTML 3Page - ON Semiconductor NTGD4161P Datasheet HTML 4Page - ON Semiconductor NTGD4161P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGD4161P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
0
2
4
6
8
10
0
1
2
345
QG, TOTAL GATE CHARGE (nC)
ID = −2.1 A
TJ = 25°C
0
0.1
0.2
0.3
0.3
0.4
0.6
0.8
0.9
1.0
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 150°C
TJ = −40°C
0.01
0.1
1
100
0.1
1
10
100
100
ms
1 ms
10 ms
dc
RDS(on) Limit
Thermal Limit
Package Limit
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = −10 V
Single Pulse
TA = 25°C
0
50
100
150
200
250
DRAIN−TO−SOURCE VOLTAGE (V)
CISS
COSS
CRSS
TJ = 25°C
VGS = 0 V
0
5
10
15
20
25
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
Figure 9. Diode Forward Voltage versus
Current
Figure 10. Maximum Rated Forward Biased
Safe Operating Area
300
350
30
0
2
4
6
8
10
6
QT
QGS
QGD
0.7
0.5
TJ = 125°C
TJ = 25°C
0.4
0.5
0.6
0.7
0.8
10
VGS
VDS
Figure 11. FET Thermal Response
t, time (s)
1E−06
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
0.001
0.01
0.1
1.0
1E−05
1E−04
Single Pulse
0.01
0.02
0.05
0.1
0.2
0.5


Similar Part No. - NTGD4161P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD4161PT1G VBSEMI-NTGD4161PT1G Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTGD4161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTGD4167C ONSEMI-NTGD4167C Datasheet
135Kb / 10P
   Power MOSFET Complementary, 30 V, 2.9/??.2 A, TSOP?? Dual
December, 2008 ??Rev. 1
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com