Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD25P03LG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD25P03LG
Description  Power MOSFET -25 Amp, -30 Volt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD25P03LG Datasheet(HTML) 3 Page - ON Semiconductor

  NTD25P03LG Datasheet HTML 1Page - ON Semiconductor NTD25P03LG Datasheet HTML 2Page - ON Semiconductor NTD25P03LG Datasheet HTML 3Page - ON Semiconductor NTD25P03LG Datasheet HTML 4Page - ON Semiconductor NTD25P03LG Datasheet HTML 5Page - ON Semiconductor NTD25P03LG Datasheet HTML 6Page - ON Semiconductor NTD25P03LG Datasheet HTML 7Page - ON Semiconductor NTD25P03LG Datasheet HTML 8Page - ON Semiconductor NTD25P03LG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NTD25P03L
http://onsemi.com
3
TYPICAL MOSFET ELECTRICAL CHARACTERISTICS
1.6
0.8
1.2
0.6
100
10
10,000
0
40
5
20
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.25
0.15
25
20
15
0.1
0.05
0
530
Figure 3. On−Resistance versus Drain Current
and Temperature
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
0
−25
50
25
4
2
15
015
20
10
30
5
10
30
VDS ≥ −5 V
TJ = 25°C
TJ = −40°C
TJ = 125°C
150
ID = −12.5
VGS = −5 V
50
0.3
VGS = 10 V
VGS = −5 V
3
40
20
0
10
30
50
0
0.075
0.05
20
15
0.025
0
10
50
0.01
1000
TJ = 25°C
TJ = 25°C
24
9 V
8 V
4.5 V
3 V
3
10
40
35
45
50
0.2
T = 125°C
T = −40°C
T = 25°C
545
40
35
30
25
VGS = −5 V
VGS = −10 V
1
100
75
125
1.4
25
VGS = 0 V
TJ = 150°C
TJ = 125°C
2.5 V
3.5 V
4 V
5 V
6 V
7 V
6


Similar Part No. - NTD25P03LG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD25P03LG ONSEMI-NTD25P03LG Datasheet
74Kb / 10P
   Power MOSFET
August, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTD25P03LG VBSEMI-NTD25P03LG Datasheet
1,014Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD25P03LG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7B25A120B MOTOROLA-MHPM7B25A120B Datasheet
559Kb / 9P
   25 AMP, 1200 VOLT HYBRID POWER MODULE
logo
Central Semiconductor C...
CP322-CJD200 CENTRAL-CP322-CJD200 Datasheet
315Kb / 3P
   NPN - Power Transistor Die 5.0 Amp, 25 Volt
R0 13-May 2022
CPQ166 CENTRAL-CPQ166 Datasheet
174Kb / 1P
   25 Amp, 600 Volt TRIAC Chip
logo
ON Semiconductor
NTB5605T4G ONSEMI-NTB5605T4G Datasheet
94Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
January, 2008 - Rev. 3
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
logo
List of Unclassifed Man...
SPS3045 ETC-SPS3045 Datasheet
32Kb / 2P
   30 Amp 45 Volt Power Schottky Center-Tap
logo
Central Semiconductor C...
CPQ165 CENTRAL-CPQ165 Datasheet
36Kb / 1P
   TRIAC 25 Amp, 600 Volt TRIAC Chip
CPD48V-CMPSH-3 CENTRAL-CPD48V-CMPSH-3 Datasheet
465Kb / 4P
   Schottky Diode Die 0.1 Amp, 30 Volt
R1 14-November 2017
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com