Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L239MNR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB6L239MNR2
Description  2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239MNR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB6L239MNR2 Datasheet HTML 2Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 3Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 4Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 5Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 6Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 7Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 8Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 9Page - ON Semiconductor NB6L239MNR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NB6L239
http://onsemi.com
6
Table 6. DC CHARACTERISTICS, CLOCK INPUTS, LVPECL OUTPUTS
(VCC = 2.375 V to 3.465 V, VEE = 0 V)
Symbol
Characteristic
−40
5C
25
5C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Cur-
rent
30
40
50
30
40
50
30
40
50
mA
VOH
Output HIGH Volt-
age (Notes 2, 3)
VCC = 3.3 V
VCC = 2.5 V
VCC−1150
2150
1350
VCC−1060
2240
1440
VCC−950
2350
1550
VCC−1100
2200
1400
VCC−1015
2285
1485
VCC − 900
2400
1600
VCC−1050
2250
1450
VCC −980
2320
1520
VCC − 850
2450
1650
mV
VOL
Output LOW Voltage
(Notes 2, 3)
VCC = 3.3 V
VCC = 2.5 V
VCC−1935
1365
565
VCC−1775
1525
725
VCC−1630
1670
870
VCC−1875
1430
630
VCC−1735
1565
765
VCC−1580
1720
920
VCC−1810
1490
690
VCC−1675
1625
825
VCC−1530
1770
970
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (Figures 7, 10)
Vth
Input Threshold Ref-
erence Voltage
(Note 4)
100
VCC − 100
100
VCC − 100
100
VCC − 100
mV
VIH
Single−ended Input
HIGH Voltage
Vth + 100
VCC
Vth + 100
VCC
Vth + 100
VCC
mV
VIL
Single−ended Input
LOW Voltage
VEE
Vth − 100
VEE
Vth − 100
VEE
Vth − 100
mV
VBBAC
Output Voltage Ref-
erence @ 100
mA
(Note 7)
VCC = 3.3 V
VCC = 2.5 V
VCC−1460
1840
1040
VCC−1330
1970
1170
VCC−1200
2100
1300
VCC−1460
1840
1040
VCC−1340
1960
1160
VCC−1200
2100
1300
VCC−1460
1840
1040
VCC−1350
1950
1150
VCC−1200
2100
1300
mV
DIFFERENTIAL INPUT DRIVEN DIFFERENTIALLY (Figures 8, 9, 11) (Note 6)
VIHD
Differential Input
HIGH Voltage
100
VCC
100
VCC
100
VCC
mV
VILD
Differential Input
LOW Voltage
VEE
VCC – 100
VEE
VCC – 100
VEE
VCC – 100
mV
VCMR
Input Common
Mode Range (Differ-
ential Cross−point
Voltage) (Note 5)
50
VCC – 50
50
VCC – 50
50
VCC – 50
mV
VID
Differential Input
Voltage (VIHD(CLK)
VILD(CLK)) and
(VIHD(CLK)−VILD(CLK))
100
VCC
VEE
100
VCC
VEE
100
VCC
VEE
mV
RTIN
Internal Input Ter-
mination Resistor
45
50
55
45
50
55
45
50
55
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC.
3. Outputs loaded with 50
W to VCC – 2.0 V for proper operation.
4. Vth is applied to the complementary input when operating in single−ended mode.
5. VCMRMIN varies 1:1 with VEE, VCMRMAX varies 1:1 with VCC.
6. Input and output voltage swing is a single−ended measurement operating in differential mode.
7. VBBAC used to rebias capacitor−coupled inputs only (see Figures 16 and 17).


Similar Part No. - NB6L239MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239MNR2 ONSEMI-NB6L239MNR2 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MNR2G ONSEMI-NB6L239MNR2G Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results

Similar Description - NB6L239MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com