Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N855SMR4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB4N855SMR4
Description  3.3 V, 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N855SMR4 Datasheet(HTML) 7 Page - ON Semiconductor

  NB4N855SMR4 Datasheet HTML 1Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 2Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 3Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 4Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 5Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 6Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 7Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 8Page - ON Semiconductor NB4N855SMR4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NB4N855S
http://onsemi.com
7
Figure 7. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)
Figure 8. Typical LVDS Termination for Output Driver and Device Evaluation
Driver
Device
Receiver
Device
QD
Q
D
LVDS
100 W
LVDS
Zo = 50 W
Zo = 50 W
VOL
QN
VOH
QN
VOS
VOD
Figure 9. LVDS Output
Figure 10. Differential Input Driven
Single−Ended
D
Figure 11. Differential Inputs Driven
Differentially
D
Vth
Vth
D
D
VIH
VIL
VIHmax
VILmax
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
Figure 12. Vth Diagram
D
D
VIL
VIH(MAX)
VIH
VIL
VIH
VIL(MIN)
VCMR
VEE
Figure 13. VCMR Diagram
VINPP = VIHD − VILD
VCC


Similar Part No. - NB4N855SMR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N855SMR4 ONSEMI-NB4N855SMR4 Datasheet
133Kb / 10P
   3.3 V, 1.5 Gb/s Dual AnyLevelTM to LVDS Receiver/Driver/Buffer/ Translator
June, 2005 ??Rev. 0
NB4N855SMR4G ONSEMI-NB4N855SMR4G Datasheet
133Kb / 10P
   3.3 V, 1.5 Gb/s Dual AnyLevelTM to LVDS Receiver/Driver/Buffer/ Translator
June, 2005 ??Rev. 0
More results

Similar Description - NB4N855SMR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N855S ONSEMI-NB4N855S Datasheet
133Kb / 10P
   3.3 V, 1.5 Gb/s Dual AnyLevelTM to LVDS Receiver/Driver/Buffer/ Translator
June, 2005 ??Rev. 0
NB6N11S ONSEMI-NB6N11S_06 Datasheet
174Kb / 9P
   3.3 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer /Translator
May, 2006 ??Rev. 0
NB4N527S ONSEMI-NB4N527S Datasheet
109Kb / 10P
   3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
June, 2006 ??Rev. 3
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
NB6L11S ONSEMI-NB6L11S_06 Datasheet
106Kb / 10P
   2.5 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer / Translator
September, 2006 ??Rev. 2
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
NB6N14S ONSEMI-NB6N14S Datasheet
176Kb / 10P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
January, 2007 ??Rev. 3
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
logo
Texas Instruments
SN65LVELT23 TI-SN65LVELT23 Datasheet
271Kb / 10P
[Old version datasheet]   3.3-V Dual Differential LVPECL/LVDS Buffer to LVTTL Translator
logo
ON Semiconductor
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com